Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6SPDX Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6SPDX
Description  Waber-by-Tripp Lite 6-outlet Power Strip with Illuminated Master Switch and 6-ft. Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6SPDX Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6SPDX Datasheet HTML 1Page - List of Unclassifed Manufacturers 6SPDX Datasheet HTML 2Page - List of Unclassifed Manufacturers 6SPDX Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Intended Application
Home/Office; Industrial/Factory Floor
OUTPUT
Frequency Compatibility
50 / 60 Hz
Circuit Breaker (amps)
15
Outlet Quantity / Type
6 NEMA 5-15R
Outlet Spacing
1.520 in.
Outlet Orientation
Single row of 6
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
15A 120V
Input Connection Type
NEMA 5-15P
Input Cord Length (ft.)
6
Input Cord Length (m)
1.8288
Voltage Compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Lighted combination switch / circuit breaker
PHYSICAL
Unit Dimensions (hwd / in.)
12.5 x 2.5 x 1.5
Unit Dimensions (hwd / cm)
31.75 x 6.35 x 3.8
Material of Construction
Metal
Integrated Keyhole Mounting Tabs
Keyhole mounting tabs enable mounting to a variety of surfaces
Receptacle Color
Beige
Color (AC Line Cord)
Beige
Style
Strip
Outlets Measurement (Center to
Center)
77.60mm
Keyhole Slot Mounting
Measurement (Center to Center)
203.20mm
CERTIFICATIONS
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com