Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M8784 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # M8784
Description  PCI BUS COMPATIBLE COUNTING BOARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

M8784 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  M8784 Datasheet HTML 1Page - Hamamatsu Corporation M8784 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Windows ® is a registered trademark of Microsoft Corporation in the United States and/or other countries.
Lab VIEW ™ is a trademark of National Instruments Corporation.
Other product names, software names and company names mentioned herein may be the trademarks of their respective owners.
TPHO1020E02
JAN. 2003 IP
SPECIFICATIONS
BLOCK DIAGRAM
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2002 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
HAMAMATSU PHOTONICS K.K., Electron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE http://www.hamamatsu.com
Supplied: CD-ROM (containing instruction manual, device driver, DLL, sample software*, etc.), Signal input cable (E1168-22),
General-purpose I/O connector (JAE: TXA20A-26PH1-D2P1-D1), Connection cable set (JAE: XHP-3, XHP-4)
*: Sample software is configured from Lab VIEW™ of National Instruments, Inc.
: Conforms to the EMC directive (89/336/EEC) of the European Union.
Input
Counter
Counter Gate
Trigger
Memory
General
Output Section
Compatible OS
Bus Type
Supply Voltage
Size
Weight
Operating Ambient Temperature / Humidity
Storage Temperature / Humidity
Number of Input Signals
Signal Input Level
Signal Pulse Width
Input Impedance
Counter Method
Max.Count Rate
Max.Counter Capacity
Counter Gate Mode
Internal Counter Gate Time
External Counter Gate Time
Trigger Method
External Trigger Signal
Memory Method
Memory Date Width
Memory Capacity
Signal Input
Signal output
1 ch
TTL positive logic
8 ns or longer
50
Ω
Double counter method
50 MHz
232 counts/counter gate
Internal, external, START-STOP
10
µs to 10 s (1, 2, 5 step)
100 ns or longer
Software or external trigger
TTL negative logic
Double memory method
128 000 (when capacity of 232 is selected) / 256 000 (when capacity of 216 is selected)
232 (32 bit) / 216 (16 bit)
TTL negative logic / 8 bit
Open collector / 8 bit
Windows® 98/98SE/Me/2000
PCI
5 V / 1 A (supplied from PCI bus)
Half size
150 g
+5
°C to +45 °C / 80 % or less (no condensation)
0
°C to +50 °C / 85 % or less (no condensation)
Description / Value
Parameter
COUNT DATA LINE
CONTROL LINE
IO PORT LINE
PCI
INTER-
FACE
SRAM (A)
COUNTER (A)
COUNTER (B)
TIMING
GENERATOR
PULSE
SHAPER
IO PORT
SRAM (B)
ADDRESS
COUNTER
IRQ CONTROL
PCI
EXTERNAL GATE
SIGNAL INPUT
8 BIT INPUT
8 BIT OUTPUT
EXTERNAL START
EXTERNAL STOP
TPHOC0049EA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com