Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM609SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLM609SA
Description  6 outlet, 9-ft cord, 1500 joule Safety Surge Suppressor - Rugged, Safe Surge Suppression for Industrial/Automotive/Factory Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM609SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLM609SA Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 4Page - List of Unclassifed Manufacturers TLM609SA Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
$50,000 Ultimate Lifetime Insurance (USA and Canada only)
Specifications
OVERVIEW
Intended Application
Industrial/Factory Floor
OUTPUT
Frequency compatibility
60 Hz
Circuit Breaker (amps)
15
Overload protection
Combo power switch and circuit breaker
Outlet quantity / type
6 NEMA 5-15R
Transformer accommodation
Yes (2)
Outlet safety covers
Yes (4)
Outlet orientation
1 single row of 6
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input plug features
Integrated cord clip
Input cord length (ft.)
9
Input cord length (m)
2.74
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
60000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position lighted on/off power switch
Diagnostic LEDs
1 green "protected" LED confirms surge suppression is present
SURGE / NOISE SUPPRESSION
AC suppression joule rating
1500
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
Clamping voltage (RMS)
150V
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com