Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLM615SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLM615SA
Description  6-outlets, 15-ft cord, 2700 joule rating, all-metal housing - Safety Surge Suppressor - Rugged
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM615SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLM615SA Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM615SA Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM615SA Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM615SA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
product complies with those guidelines.
$75,000 ULTIMATE LIFETIME INSURANCE (USA and Canada only)
Specifications
OVERVIEW
Intended Application
Industrial/Factory Floor
OUTPUT
Frequency compatibility
60 Hz
Circuit Breaker (amps)
15
Overload protection
Combo power switch and circuit breaker
Outlet quantity / type
6 NEMA 5-15R
Transformer accommodation
Yes (2)
Outlet safety covers
Yes (4)
Outlet orientation
6 in a single row
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input plug features
Integrated cord clip
Input cord length (ft.)
15
Input cord length (m)
4.57
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
90000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position lighted on/off power switch
Diagnostic LEDs
1 green "protected" LED confirms surge suppression is present
SURGE / NOISE SUPPRESSION
AC suppression joule rating
2700
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G/H-G) line surge suppression
Clamping voltage (RMS)
150
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com