Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP608 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TLP608
Description  6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLP608 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP608 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP608 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP608 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP608 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Shipping Dimensions (HWD/cm)
33.53 x 13.21 x 4.57
Shipping weight (lbs)
1.32
Shipping weight (kg)
0.60
Unit Dimensions (HWD/in)
10.80 x 1.85 x 1.23
Unit Dimensions (HWD/cm)
27.43 x 4.70 x 3.12
Unit weight (lbs)
1.12
Unit weight (kg)
0.51
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Cool Grey 2C
Receptacle Color
Cool Grey 2C
AC line cord color
Cool Grey 2C
Style
Strip
Outlets center to center
measurement
28.5mm
Keyhole slot center to center
measurement
Distance between slots = 101mm; Distance between slot height = 28mm
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3RD EDITION
UL1363 (Power Tap)
UL1363
UL497A (Communications)
UL497A
FCC Part 68 (Communications)
FCC Part 68
cUL / CSA (Canada)
cUL
Industry Canada (Communications)
Industry Canada
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$20,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
3 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com