Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1010SAT3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HT1010SAT3
Description  10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT1010SAT3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HT1010SAT3 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT1010SAT3 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial
and 1-line tel/modem/ethernet protection -
Home/Business Theater Surge Suppressor
MODEL NUMBER: HT1010SAT3
Description
Tripp Lite's HT1010SAT3 Home/Business Theater Surge Suppressor provides advanced protection--3345
joules--stopping damaging surges and filtering disruptive line noise so components perform at their peak! You
can see and hear the difference: sharper, crisper video; deeper, fuller audio and longer component life spans.
Perfect for small-to-medium home/business theater installations: high-definition TVs, satellite and A/V receivers,
DVD/CD players and more. 10 outlets (with transformer spacing and sliding safety covers), 3-line coaxial
protection and 1-line tel/modem/Ethernet (100BaseT, high-speed) protection safeguard an entire home/business
theater system. $250,000Ultimate Lifetime Insurance coverage (USA and Canada only). Includes two diagnostic
LEDs, color-coordinated holographic outlet/plug labels, 10-ft. cord with a right-angle plug, 6-ft. gold DSS cable, 6-ft. coaxial cable, 6-ft. phone cord and 6-ft.
network cable.
Features
3345 joules surge suppression rating with EMI/RFI line noise filtering help components perform at their peak (sharper, crisper video; deeper, fuller audio
and longer component life spans)
$250,000 Ultimate Lifetime Insurance (USA and Canada only) covers connected components against surge damage...for life!
10 surge-protected NEMA 5-15R AC outlets safeguard an entire home/business theater system
Widely spaced outlets accommodate up to 5 transformers
Sliding safety covers protect against accidental contact
Color-coordinated, holographic outlet/plug labels match outlets with component power cords
3 sets of surge-protected Type F gold coaxial connectors (with included 6-ft. gold DSS cable and 6 ft. coaxial cable) safeguard components on cable,
satellite and antenna line
1-line tel/modem/Ethernet (100BaseT, high-speed) surge protection (with included 6 ft. phone cord and 6-ft. network cable) safeguards personal video
recorders (PVRs) on a single dial-up or Ethernet line. Built-in splitter (1 jack in and 2 jacks out) allows simultaneous connection of two devices sharing a
single line
10-ft. cord with right-angle NEMA 5-15P plug provides convenient location anywhere within a home/business theater system
Highlights
10 outlets / 10-ft. cord
3345 joule rating
3-line coaxial (gold) surge
protection
1-line tel/modem/network
(100BaseT, high-speed) surge
protection
$250,000 Ultimate Lifetime
Insurance (USA and Canada
only)
Applications
Perfect for small-to-medium
home/business theater
installations: high-definition TVs,
satellite and A/V receivers,
DVD/CD players and more
Package Includes
HT1010SAT3 Home/Business
Theater Surge Suppressor
6-ft. gold DSS cable, 6-ft. coaxial
cable, 6-ft. phone cord and 6-ft.
network cable
Instruction manual with warranty
information
1 / 4


Similar Part No. - HT1010SAT3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1015 HOLTEK-HT1015 Datasheet
607Kb / 14P
Voltage Regulator
3rd Oct 96
HT1015-1 HOLTEK-HT1015-1 Datasheet
169Kb / 12P
1.5V Low Power LDO
March 13, 2006
HT1015-1 HOLTEK-HT1015-1_16 Datasheet
167Kb / 9P
1.5V Low Power LDO
June 25, 2016
HT1016 HOLTEK-HT1016 Datasheet
607Kb / 14P
Voltage Regulator
3rd Oct 96
logo
Cornell Dubilier Electr...
HT101K CDE-HT101K Datasheet
201Kb / 2P
Ceramic Capacitors
More results

Similar Description - HT1010SAT3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOTEL6ULTRA ETC2-ISOTEL6ULTRA Datasheet
505Kb / 5P
6-Outlet Isobar Surge Protector with 6-ft Cord and 2-Line Tel/Modem Protection
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
TRAVELERC6 ETC2-TRAVELERC6 Datasheet
503Kb / 4P
2 (C6) 3-prong connectors, in-line surge suppressor with 1 in/1 out tel/modem/ethernet combo
TRAVELERC8 ETC2-TRAVELERC8 Datasheet
517Kb / 4P
2 (C8) 2-prong connectors, in-line surge with Tel/Modem/Ethernet Protection - Protect It! Surge Suppressor
ISOBAR6DBS ETC2-ISOBAR6DBS Datasheet
505Kb / 5P
6 outlet, 6ft cord, 2850 joules, 2-line coaxial, 1-line tel/modem, All-metal housing Isobar Surge
TLP606RNET ETC2-TLP606RNET Datasheet
550Kb / 4P
6 Outlets, 6ft cord, 1440 Joules, 1-line rotating gold coaxial 1-line tel/modem protection - Surge Suppressor
TLP707TEL ETC2-TLP707TEL Datasheet
499Kb / 5P
7 outlet, 7-ft cord, 1080 joules, tel/modem protection - Protect It! Surge Suppressor
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
TLP810NET ETC2-TLP810NET Datasheet
514Kb / 5P
8-outlet, 10-ft cord, 3240 joules, Tel/Modem, Ethernet, Coaxial protection - Protect It! Surge Suppressor
TLP1210SATG ETC2-TLP1210SATG Datasheet
528Kb / 5P
12 outlet, 10-ft cord, 3600 joules, 2-line coax, 1-line RJ11/RJ45 combo protection Eco Home/Business
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com