Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4632 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R4632
Description  PHOTOMULTIPLIER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R4632 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R4632 Datasheet HTML 1Page - Hamamatsu Corporation R4632 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Direct Interelectrode
Capacitances
Base
Weight
Suitable Socket
Suitable Socket Assembly
nm
nm
—
mm
—
—
—
pF
pF
—
g
—
—
185 to 850
430
Multialkali
8
× 24
UV glass
Circular-cage
9
Approx. 4
Approx. 6
JEDEC No. B11-88
Approx. 45
E678-11A (option)
E717-21, E717-37 (option)
Material
Minimum Effective Area
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other Electrodes
PHOTOMULTIPLIER TUBE
R4632
MAXIMUM RATINGS (Absolute Maximum Values)
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 1998 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
* Measured at the voltage producing the gain of 1
× 106
Supply Voltage: 1000Vdc, K: Cathode, Dy: Dynode, P: Anode
For Single Photon Counting, Dark Counts 50cps Typ. at 25
°C
For Extremely Low Light Level Detection
28mm (1-1/8 Inch) Diameter, 9-stage, Multialkali Photocathode, Side-On Type
185 to 850nm Spectral Response
CHARACTERISTICS (at 25
°C)
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Parameter
Min.
Unit
Parameter
Value
Unit
Supply Voltage
Average Anode Current
Ambient Temperature
1250
250
0.1
-80 to +50
Vdc
mA
°C
Between Anode and Cathode
Between Anode and Last Dynode
Cathode Sensitivity
Anode Sensitivity
Gain
Dark Counts *
Anode Dark Current (after 30min. storage in darkness)
Time Response
Electrodes
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
P
Luminous (2856K)
Quantum Efficiency
Red/White Ratio
Blue (CS-5-58 filter)
Luminous (2856K)
Anode Pulse Rise Time
Electron Transit Time
Transit Time Spread (T.T.S.)
at 400nm
at 500nm
at 600nm
at 700nm
at 800nm
140
—
—
—
—
—
0.1
—
300
—
—
—
—
—
—
200
23.7
18.3
10.7
2.7
0.56
0.15
7.5
700
3.5
× 106
50
0.2
2.2
22
1.2
µA/lm
%
—
µA/lm-b
A/lm
—
cps
nA
ns
—
—
—
—
—
—
—
—
—
—
100
1
—
—
—
Typ.
Max.


Similar Part No. - R4632

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R4632 HAMAMATSU-R4632_06 Datasheet
115Kb / 2P
PHOTOMULTIPLIER TUBE
More results

Similar Description - R4632

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com