Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B320 Datasheet(PDF) 5 Page - Orister Corporation

Part # B320
Description  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B320 Datasheet(HTML) 5 Page - Orister Corporation

  B320 Datasheet HTML 1Page - Orister Corporation B320 Datasheet HTML 2Page - Orister Corporation B320 Datasheet HTML 3Page - Orister Corporation B320 Datasheet HTML 4Page - Orister Corporation B320 Datasheet HTML 5Page - Orister Corporation B320 Datasheet HTML 6Page - Orister Corporation B320 Datasheet HTML 7Page - Orister Corporation B320 Datasheet HTML 8Page - Orister Corporation B320 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page No. : 5/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
Detail Description 
The RS6507 is a synchronous high voltage buck converter that can support the input voltage range from 4.75V to 20V and the 
output current can be up to 3A. 
 
Output Voltage Setting 
The resistive divider allows the FB pin to sense the output voltage as shown in Figure 1. 
 
 
 
Figure 1. Output Voltage Setting 
 
The output voltage is set by an external resistive divider according to the following equation: 
 
⎟
⎠
⎞
⎜
⎝
⎛ +
=
2
R
1
R
1
V
V
FB
OUT
 
 
Where VFB is the feedback reference voltage (0.925V typ.). 
 
External Bootstrap Diode 
Connect a 10nF low ESR ceramic capacitor between the BOOT pin and SW pin. This capacitor provides the gate driver voltage 
for the high side MOSFET. 
 
It is recommended to add an external bootstrap diode between an external 5V and the BOOT pin for efficiency improvement 
when input voltage is lower than 5.5V or duty ratio is higher than 65%. The bootstrap diode can be a low cost one such as 
1N4148 or BAT54. 
 
Soft‐Start 
The  RS6507  contains  an  external  soft‐start  clamp  that  gradually  raises  the  output  voltage.  The  soft‐start  timing  can  be 
programmed  by  the  external  capacitor  between  SS  pin  and  GND.  The  chip  provides  a  7μA  charge  current  for  the  external 
capacitor. If a 0.1μF capacitor is used to set the soft‐start and its period will be 13ms(typ.). 
 
Inductor Selection 
The inductor value and operating frequency determine the ripple current according to a specific input and output voltage. 
The ripple current ΔIL increases with higher VIN and decreases with higher inductance. 
 
⎥⎦
⎤
⎢⎣
⎡ −
×
⎥⎦
⎤
⎢⎣
⎡
×
=
Δ
IN
OUT
OUT
L
V
V
1
L
f
V
I
 
 
Having a lower ripple current reduces not only the ESR losses in the output capacitors but also the output voltage ripple. High 
frequency with small ripple current can achieve highest efficiency operation. However, it requires a large inductor to achieve 
this goal. 
 
For the ripple current selection, the value of ΔIL = 0.2375(IMAX) will be a reasonable starting point. The largest ripple current 
occurs at the highest VIN. To guarantee that the ripple current stays below the specified maximum, the inductor value should 
be chosen according to the following equation: 
 
⎥⎦
⎤
⎢⎣
⎡ −
×
⎥⎦
⎤
⎢⎣
⎡
Δ
×
=
)
MAX
(
IN
OUT
)
MAX
(
L
OUT
V
V
1
I
f
V
L
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com