Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDM-3-17 Datasheet(PDF) 1 Page - Richco, Inc.

Part # LEDM-3-17
Description  LED MOUNTS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

LEDM-3-17 Datasheet(HTML) 1 Page - Richco, Inc.

  LEDM-3-17 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REF Ø0.8
[Ø.032]
[.029]
0.75
[.051]
1.30
5
[.197]
1
2
3
4
A
B
1
C
B
A
D
2
1
E
06
09/02/09
0.25
REPRODUCED IN WHOLE OR PART WITHOUT THEIR WRITTEN CONSENT
DRN
MATERIAL:
TITLE:
A4
3
CHKD
DATE
SCALE
DRG No:
SIZE
SHEET No
DATE
C
1 OF 1
14/10/04
OW
COLOUR:
NJB 14/10/04
NTS
REV.
MODIFICATION.
DATE
DRN
01
NEW DWG
25/05/01
AVAILABLE BY SPECIAL ORDER NAFTA REGION ONLY
F
OW
CO-2010553
ARE PRIMARY UNLESS OTHERWISE STATED
BY SPECIAL ORDER.
D
E
F
4
786-9020
NPR REF:
OW
2 DECIMAL PLACES
INFORMATION CONTAINED IN THIS DOCUMENT IS CONFIDENTIAL TO
RICHCO INTERNATIONAL Co. Ltd. AND MAY NOT BE DISCLOSED OR
OW
JPM
05
14/10/04
ECN05-021
SCN04-100
26/01/05
04
N/A
PART No:
LED MOUNTS
1
ANGULAR
FORM No 173/00
1 DECIMAL PLACE
1) FOR USE WITH 5mm, T-1 3/4 LEDS.
2) PARTS AVAILABLE IN 1MM INCREMENTS.
3) SPECIAL LENGTHS AVAILABLE
NOTES:
LEDM-3-XX
PVC UL94 V-0 (RMS-388)
BLACK
PART No.
LEDM-3-02 - LEDM-3-30
LEDM-3-02 - LEDM-3-30
2.0mm - 30mm
LENGTH
OW
25/05/01
SCN04-093
02
OW
25/05/01
SCN04-096
03
METRIC GENERAL TOLERANCES
IMPERIAL GENERAL TOLERANCES 0.010
ARE FOR REFERENCE UNLESS OTHERWISE
1 DECIMAL PLACE
2 DECIMAL PLACES
ANGULAR
ALL PRIMARY DIMENSIONS IN mm
ALL SECONDARY DIMENSIONS IN INCHES
6.50
[Ø.256]
PCB
LED
TYPICAL APPLICATION VIEW
LED MOUNT


Similar Part No. - LEDM-3-17

ManufacturerPart #DatasheetDescription
logo
nVent Electric plc
LEDMAG NVENT-LEDMAG Datasheet
453Kb / 6P
Electrical Accessories
logo
Timeguard
LEDMR10WH TIMEGUARD-LEDMR10WH Datasheet
624Kb / 3P
7W – 700lm LED Energy Saver Bulkhead Light
14/02/2025
LEDMR10WH3K TIMEGUARD-LEDMR10WH3K Datasheet
293Kb / 2P
10W Slimline LED Energy Saver IP44 Round Wall/Ceiling Light – White
14/02/2025
LEDMR10WHMS TIMEGUARD-LEDMR10WHMS Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
LEDMR10WHMS3K TIMEGUARD-LEDMR10WHMS3K Datasheet
319Kb / 3P
Microwave Presence Detection Version – White
14/02/2025
More results

Similar Description - LEDM-3-17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TC9200 PHILIPS-TC9200 Datasheet
153Kb / 4P
Indoor Camera Mounts
1998
logo
List of Unclassifed Man...
7364 ETC2-7364 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7369 ETC2-7369 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7351 ETC2-7351 Datasheet
114Kb / 2P
LED SPACER MOUNTS
7362 ETC2-7362 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7374 ETC2-7374 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8917 ETC2-8917 Datasheet
114Kb / 2P
LED SPACER MOUNTS
561-F001 ETC2-561-F001 Datasheet
84Kb / 1P
Capacitor Mounts
561-TA00090 ETC2-561-TA00090 Datasheet
136Kb / 2P
Clip Mounts
561-TA40170 ETC2-561-TA40170 Datasheet
136Kb / 2P
Clip Mounts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com