| Electronic Components Datasheet Search |
|
ECQE6104F Datasheet(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECQE6104F Datasheet(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 19 page ![]() Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC34− Plastic Film Capacitors ■Rating, Dimensions & Quantity/Ammo Box ●Rated voltage : 250 VDC, Capacitance tolerance : ±5 %(J), ±10 %(K) Style D: 0.010 µF to 0.33 µF Style B: 0.39 µF to 10.0 µF Suffix for lead crimped or taped type Cap. tol. code ▲ ▲ Suffix for lead crimped or taped type Cap. tol. code ▲ ▲ ■Rating, Dimensions & Quantity/Ammo Box ●Rated voltage : 100 VDC, Capacitance tolerance : ± 5 %(J), ±10 %(K) 0.56 12.0 5.5 10.9 15.9 10.0 10.0 1.0 0.60 0.68 12.0 6.0 11.9 16.9 10.0 10.0 1.0 0.60 0.82 12.0 6.0 13.5 18.5 10.0 10.0 1.0 0.60 1.0 12.0 6.7 14.0 19.0 10.0 10.0 1.0 0.60 1.2 18.5 5.5 12.8 17.8 15.0 10.0 1.0 0.60 1.5 18.5 6.0 13.4 18.4 15.0 10.0 1.0 0.80 1.8 18.5 6.5 14.4 19.4 15.0 10.0 1.0 0.80 2.2 18.5 7.0 15.0 20.0 15.0 10.0 1.0 0.80 2.7 18.5 8.0 15.8 20.8 15.0 10.0 1.0 0.80 3.3 18.5 8.5 16.5 21.5 15.0 10.0 1.0 0.80 3.9 26.0 7.0 16.4 21.4 22.5 15.0 1.0 0.80 4.7 26.0 7.5 17.0 22.0 22.5 15.0 1.0 0.80 5.6 26.0 8.3 17.5 22.5 22.5 15.0 1.0 0.80 6.8 26.0 9.0 18.5 23.5 22.5 15.0 1.0 0.80 8.2 26.0 10.0 20.0 25.0 22.5 15.0 1.5 0.80 10.0 26.0 11.5 21.0 26.0 22.5 15.0 1.5 0.80 Part No. Cap. (µF) Min. order Q'ty Taping 500 − −− − Dimensions (mm) L max. T max. Standard 5 mm Odd size 5 mm Odd size 7.5 mm ø d ECQE1564 □F() ECQE1684 □F() ECQE1824 □F() ECQE1105 □F() ECQE1125 □F() ECQE1155 □F() ECQE1185 □F() ECQE1225 □F() ECQE1275 □F() ECQE1335 □F() ECQE1395 □F() ECQE1475 □F() ECQE1565 □F() ECQE1685 □F() ECQE1825 □F() ECQE1106 □F() 500 1,000 400 400 500 600 − H max. Straight Crimped lead Straight F Crimped lead S Straight G max. Bulk 500 style D: 0.056 µF to 1.0 µF style B: 1.2 µF to 10.0 µF Part No. Cap. (µF) Dimensions (mm) L max. T max. ø d ECQE2103 □F() 0.010 10.3 4.3 7.4 12.4 7.5 7.5 1.0 0.60 ECQE2123 □F() 0.012 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2153 □F() 0.015 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2183 □F() 0.018 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2223 □F() 0.022 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2273 □F() 0.027 10.3 4.4 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2333 □F() 0.033 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2393 □F() 0.039 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2473 □F() 0.047 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2563 □F() 0.056 10.3 4.8 7.9 12.9 7.5 7.5 1.0 0.60 ECQE2683 □F() 0.068 10.3 4.5 7.5 12.5 7.5 7.5 1.0 0.60 ECQE2823 □F() 0.082 10.3 4.9 8.0 13.0 7.5 7.5 1.0 0.60 ECQE2104 □F() 0.10 10.3 5.8 8.4 13.4 7.5 7.5 1.0 0.60 ECQE2124 □F() 0.12 10.3 6.0 9.0 14.0 7.5 7.5 1.0 0.60 ECQE2154 □F() 0.15 10.3 6.0 10.8 15.8 7.5 7.5 1.0 0.60 ECQE2184 □F() 0.18 12.0 5.0 10.3 15.3 10.0 10.0 1.0 0.60 ECQE2224 □F() 0.22 12.0 5.5 10.5 15.5 10.0 10.0 1.0 0.60 ECQE2274 □F() 0.27 12.0 6.0 11.5 16.5 10.0 10.0 1.0 0.60 ECQE2334 □F() 0.33 12.0 6.5 12.0 17.0 10.0 10.0 1.0 0.60 ECQE2394 □F() 0.39 18.5 4.9 12.0 17.0 15.0 10.0 1.0 0.60 ECQE2474 □F() 0.47 18.5 5.3 12.5 17.5 15.0 10.0 1.0 0.60 ECQE2564 □F() 0.56 18.5 5.5 13.0 18.0 15.0 10.0 1.0 0.60 ECQE2684 □F() 0.68 18.5 6.0 13.5 18.5 15.0 10.0 1.0 0.80 ECQE2824 □F() 0.82 18.5 6.5 14.5 19.5 15.0 10.0 1.0 0.80 ECQE2105 □F() 1.0 18.5 7.4 15.0 20.0 15.0 10.0 1.0 0.80 ECQE2125 □F() 1.2 18.5 8.0 15.9 20.9 15.0 10.0 1.0 0.80 ECQE2155 □F() 1.5 18.5 9.0 16.8 21.8 15.0 10.0 1.0 0.80 ECQE2185 □F() 1.8 26.0 7.5 15.5 20.5 22.5 15.0 1.0 0.80 ECQE2225 □F() 2.2 26.0 8.5 16.3 21.3 22.5 15.0 1.0 0.80 ECQE2275 □F() 2.7 26.0 9.4 17.0 22.0 22.5 15.0 1.0 0.80 ECQE2335 □F() 3.3 26.0 10.3 18.0 23.0 22.5 15.0 1.5 0.80 ECQE2395 □F() 3.9 26.0 11.0 20.5 25.5 22.5 15.0 1.5 0.80 ECQE2475 □F() 4.7 26.0 12.0 21.5 26.5 22.5 15.0 1.5 0.80 ECQE2565 □F() 5.6 31.0 11.8 21.0 26.0 27.5 22.5 1.5 0.80 ECQE2685 □F() 6.8 31.0 13.0 22.4 27.4 27.5 22.5 1.5 0.80 ECQE2825 □F() 8.2 31.0 14.3 23.5 28.5 27.5 22.5 1.5 0.80 ECQE2106 □F()10.0 31.0 15.9 25.8 30.8 27.5 22.5 1.5 0.80 1000 − − 1000 500 500 1000 400 500 400 300 −− H max. Straight Crimped lead Straight F Crimped lead S Straight G max. 500 Min. order Q'ty Taping Standard 5 mm Odd size 5 mm Odd size 7.5 mm Bulk p Œ ¯ ¶ ‚ /P33-52 12.11.14 19:29 y [ W 34 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |