Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART3000SLT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART3000SLT
Description  SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000SLT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART3000SLT Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartPro 3kVA Line Interactive Sine Wave UPS,
SNMPWEBCARD option, Tower, USB, Serial, EPO,
120V
MODEL NUMBER: SMART3000SLT
Description
3000VA line-interactive tower UPS system for server, networking and telecommunications equipment. Upright tower form factor. Offers sine wave 120V
nominal output in both AC and battery modes. Switches to battery-derived AC output during power failures and extreme voltage variations. Line-interactive
automatic voltage regulation (AVR) provides voltage boost/cut during brownouts/overvoltages to maintain regulated 120V nominal output over an input voltage
range of 83-145V. Includes NEMA L5-30P input plug and 7 UPS-supported output receptacles (6 x 5-15/20R, 1 x L5-30R). Network-grade AC surge and noise
suppression. Network management interfaces support simultaneous communications via USB port, DB9 serial port and SNMPWEBCARD slot. HID-compliant
USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X. Supports simultaneous detailed
monitoring of equipment load levels, self-test data and utility power conditions via all three network interfaces. Includes PowerAlert power management
software and complete cabling. Three-stage metered current monitoring and battery charge status LEDs. Utility power and voltage regulation, and battery
warning LEDs. Audible alarm. Self-test. Field-replaceable, hot-swappable internal batteries. Attractive all-black color scheme.
Features
SmartPro line-interactive UPS system is ideal for voice, data, medical and industrial networking applications
Line-interactive voltage regulation maintains selectable 120V nominal output during brownouts as low as 83V and overvoltages to 145V
Enables continuous operation through blackouts, voltage fluctuations and surges
Line-interactive automatic voltage regulation (AVR) provides 12% and 24% voltage boost during brownouts and a 12% voltage cut during overvoltages
Standard internal battery set offers 9 min. runtime at half load (1125W) and 3.5 min. at full load (2250W)
Space-saving upright tower format
Network interfaces support simultaneous communications via built-in USB port, DB9 serial port and SNMPWEBCARD slot
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Included PowerAlert power management software supports safe unattended shutdown, monitoring and control via local connected servers, plus any
number of additional servers over IP
UPS interface supports on-battery, low-battery, power-restored, AC-voltage, DC-voltage, output current monitoring, battery charge current, battery
capacity, timed inverter shutoff, activate self-test and output power control
NEMA L5-30P input plug/6 x NEMA 5-15/20R and 1 x NEMA L5-30R output receptacles
Highlights
3kVA / 3000VA line interactive
tower UPS; Sine wave output
120V nominal output during
brownouts to 83 and
overvoltages to 145V
USB, RS232, EPO and optional
SNMP/Web card are available
for simultaneous use
Front panel status LEDs with
detailed load and battery
capacity display
NEMA L5-30P input; 6 NEMA
5-15/20R & 1 L5-30R outlets
Package Includes
SMART3000SLT UPS System
PowerAlert Software and cabling
Owner's manual
1 / 5


Similar Part No. - SMART3000SLT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
More results

Similar Description - SMART3000SLT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART500RT1U ETC2-SMART500RT1U Datasheet
485Kb / 6P
SmartPro .5kVA Line-Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB, Serial, EPO, 120V
SMART1000RM1U ETC2-SMART1000RM1U Datasheet
488Kb / 7P
SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB, RS232, EPO, 120V
SMART2200RM2U ETC2-SMART2200RM2U Datasheet
507Kb / 6P
SmartPro 2.2kVA 1920W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART3000RM2U ETC2-SMART3000RM2U Datasheet
513Kb / 7P
SmartPro 3kVA 2250W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART3000VS ETC2-SMART3000VS Datasheet
512Kb / 7P
SmartPro 3kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower, USB, Serial, 120V
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
SMART1500SLT ETC2-SMART1500SLT Datasheet
517Kb / 7P
SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com