Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQL10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RQL10
Description  Ceramic Encased Wire Wound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RQL10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RQL10 Datasheet HTML 1Page - List of Unclassifed Manufacturers RQL10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel : 82-32-817-4325
Resistors And
Fax : 82-32-817-4329
Resistive Applications
Website : http://www.raraohm.com Email : sg@raraohm.com
RQL
Ceramic Encased Wire Wound Resistors
■ GENERAL SPECIFICATIONS
Model
Wattage
Rating
Resistance Range(Ω )
Resistance
Tolerance
Glass Fiber Core
(GC)
Ceramic Core
(CC)
Metal Oxide Film
(MO)
RQL 10
10W
0.5~1.5K
0.3~10K
10~75K
R≤ 1Ω :±10%
R>1Ω :±5%
RQL 15
15W
1.0~1.5K
0.5~12K
10~100K
RQL 20
20W
1.0~2.0K
0.5~15K
10~100K
RQL 25
25W
1.0~2.0K
-
-
RQL 30
30W
1.5~4.0K
-
-
RQL 40
40W
2.0~5.0K
-
-
■ CHARACTERISTICS
Values in [ ] mean change in Ω after test
Temperature Range
-25℃~155℃
Insulation Resistance
DC500V, 20MΩ Minimum
Dielectric Withstanding Voltage
AC 1500V for 1minute
Temp. Coefficient
GC, CC : ±260ppm/℃; MO : ±400ppm/℃
Short Time Overload
Δ R±[2%+0.05Ω ]
10 Times rated power for 5 sec.
Moisture Resistance
Δ R±[3%+0.05Ω ]
DC 100V, 40℃ 95% RH, 500h
Thermal Shock
Δ R±[2%+0.05Ω ]
Power Rating 30 min., -25℃ 15min.
Moisture Load Life
Δ R±[3%+0.05Ω ]
40℃ 95% RH, 10% Power Rating 90min.-ON 30min.-OFF, 500H
Load Life
Δ R±[5%+0.05Ω ]
Power Rating 90min.-ON, 30min.-OFF, 500H
Solder ability
75% Coverage minimum
Note : Applied voltage : AC RMS voltage
■ SURFACE TEMPERATURE INCREASE VERSUS POWER LOAD & DERATING CURVE
■ ORDERING PROCEDURE EXAMPLE


Similar Part No. - RQL10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLAQH RENESAS-RQL1001JLAQH Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLTL-E RENESAS-RQL1001JLTL-E Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
RQL1001JLTL-E RENESAS-RQL1001JLTL-E Datasheet
274Kb / 9P
SiGe MMIC High Frequency Low Noise Amplifier
More results

Similar Description - RQL10

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
PW10X-R100 RCD-PW10X-R100 Datasheet
39Kb / 1P
GENERAL PURPOSE 1W TO 25W CERAMIC-ENCASED RESISTORS
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
RQA02 ETC-RQA02 Datasheet
600Kb / 2P
Ceramic Encased Wire Wound Resistors
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
Ceramic Encased Wire Wound Resistors
RQR02 ETC-RQR02 Datasheet
687Kb / 2P
Ceramic Encased Wire Wound Resistors
logo
Vishay Siliconix
RH5 VISHAY-RH5 Datasheet
123Kb / 5P
Heatsink Encased Wirewound Power Resistors
07-Dec-15
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
Fusible Wire Wound Resistors
19-JUN-2023
KNP RFE-KNP Datasheet
1Mb / 3P
Wire Wound Resistors
OCT-25-2023
SKN RFE-SKN Datasheet
971Kb / 3P
Wire Wound Resistors
OCT-30-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com