Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHT05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RHT05
Description  Digital relative humidity & temperature sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RHT05 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT05 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 3 -
0000 0010 1000 1100 → 652
Binary system
Decimal system
RH=652/10=65.2%RH
Here we convert 16 bits T data from binary system to decimal system,
0000 0001 0101 1111 → 351
Binary system
Decimal system
T=351/10=35.1℃
When highest bit of temperature is 1, it means the temperature is below 0 degree Celsius.
Example: 1000 0000 0110 0101, T= minus 10.1℃
16 bits T data
Sum=0000 0010+1000 1100+0000 0001+0101 1111=1110 1110
Check-sum=the last 8 bits of Sum=1110 1110
When MCU send start signal, RHT05 change from standby-status to running-status. When MCU finishs sending
the start signal, RHT05 will send response signal of 40-bit data that reflect the relative humidity and temperature
to MCU. Without start signal from MCU, RHT05 will not give response signal to MCU. One start signal for one
response data from RHT05 that reflect the relative humidity and temperature. RHT05 will change to standby status
when data collecting finished if it don't receive start signal from MCU again.
See below figure for overall communication process, the interval of whole process must beyond 2 seconds.
------------------------------------------------------------------------------------------------------------------------------------
1) Step 1: MCU send out start signal to RHT05 and RHT05 send response signal to MCU
Data-bus's free status is high voltage level. When communication between MCU and RHT05 begins, MCU will
pull low data-bus and this process must beyond at least 1~10ms to ensure RHT05 could detect MCU's signal, then
MCU will pulls up and wait 20-40us for RHT05's response.
When RHT05 detect the start signal, RHT05 will pull low the bus 80us as response signal, then RHT05 pulls up
80us for preparation to send data. See below figure:



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com