Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

124-908 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 124-908
Description  R E L AYS AND CONTAC TOR S
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

124-908 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  124-908 Datasheet HTML 1Page - List of Unclassifed Manufacturers 124-908 Datasheet HTML 2Page - List of Unclassifed Manufacturers 124-908 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.stancor.com

R E l AY S A N D C O N TA C T O R S
Terminal Type  – Coil Grounded to Case SPNO
Terminal Type  – Isolated Coil SPNO
Terminal Type  – Isolated Coil SPDT
1.250
3.563
L
3.125 W
2.313
2.188 H
5/16-24UNF-2A X .547
(USABLE) LENGTH
#10-32 UNF-2A X .320 LONG
.281 WIDE X .500 LONG SLOT
1.250
3.563
L
2.188 H
3.125 W
2.313
5/16-24UNF-2A X .547
(USABLE) LENGTH
#10-32 UNF-2A X .320 LONG
.281 WIDE X .500 LONG SLOT
4.688
L
2.344
2.313
3.125
W
2.188 H
5/16-24UNF-2A X .547
(USABLE) LENGTH
#10-32 UNF-2A X .320 LONG
.281 WIDE X .500 LONG SLOT
Type 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com