Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA778 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SA778
Description  Silicon PNP Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SA778 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SA778 Datasheet HTML 1Page - Hitachi Semiconductor 2SA778 Datasheet HTML 2Page - Hitachi Semiconductor 2SA778 Datasheet HTML 3Page - Hitachi Semiconductor 2SA778 Datasheet HTML 4Page - Hitachi Semiconductor 2SA778 Datasheet HTML 5Page - Hitachi Semiconductor 2SA778 Datasheet HTML 6Page - Hitachi Semiconductor 2SA778 Datasheet HTML 7Page - Hitachi Semiconductor 2SA778 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SA778(K), 2SA778A(K)
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
2SA778(K)
2SA778A(K)
Unit
Collector to base voltage
V
CBO
–150
–180
V
Collector to emitter voltage
V
CEO
–150
–180
V
Emitter to base voltage
V
EBO
–5
–5
V
Collector current
I
C
–50
–50
mA
Collector power dissipation
P
C
200
200
mW
Junction temperature
Tj
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
2SA778(K)
2SA778A(K)
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V
(BR)CBO
–150 —
—
–180
—
—
V
I
C = –50 µA, IE = 0
Collector to emitter
breakdown voltage
V
(BR)CER
–150 —
—
–180
—
—
V
I
C = –50 µA,
R
BE = 30 kΩ
Collector cutoff current
I
CBO
—
—
–1.0
—
—
—
µAV
CB = –100 V, IE = 0
—
—
—
—
—
–1.0
µAV
CB = –150 V, IE = 0
Emitter cutoff current
I
EBO
—
—
–1.0
—
—
–1.0
µAV
EB = –5 V, IC = 0
DC current transfer ratio h
FE
30
100
—
40
100
200
V
CE = –3 V,
I
E = –15 mA
Collector to emitter
saturation voltage
V
CE(sat)
—
–0.3
–1.0
—
–0.3
–1.0
V
I
C = –15 mA,
I
B = –1 mA
Base to emitter
saturation voltage
V
BE(sat)
—
–0.77 –1.0
—
–0.77 –1.0
V
I
C = –15 mA,
I
B = –1 mA
Collector output
capacitance
Cob
—
—
10
—
—
10
pF
V
CB = –10 V, IE = 0,
f = 1 MHz
Gain bandwidth product f
T
—
50
—
—
50
—
MHz
V
CE = –3 V,
I
C = –15 mA
Turn on time
t
on
—
135
—
—
135
—
ns
V
CC = –10.3 V
Turn off time
t
off
—
1.7
—
—
1.7
—
µsI
C = 10 IB1 = –10
I
B2 = –10 mA
Storage time
t
stg
—
—
1.0
—
—
1.0
µsV
CC = –10 V,
I
C =–17 mA
I
B1 = –1mA,
I
B2 = –12 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com