Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7213 Datasheet(PDF) 2 Page - NEC

Part # LD7213
Description  14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7213 Datasheet(HTML) 2 Page - NEC

  LD7213 Datasheet HTML 1Page - NEC LD7213 Datasheet HTML 2Page - NEC LD7213 Datasheet HTML 3Page - NEC LD7213 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD7213, LD7213L
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………… LD7213 : 14.0 to 14.5 GHz
LD7213L : 13.75 to 14.5 GHz
Cathode ………………………………………………… Indirectly heated, Impregnated
Heater Voltage
…………………………………… 6.1 V
Heater Current
…………………………………… 1.05 A
MECHANICAL
Dimensions …………………………………………… See Outline
Focusing
……………………………………………… Periodic Permanent Magnet
Electrical Connections ……………………………… AMP861647-8
RF Connections
Input ………………………………………………… SMA Female
Output ……………………………………………… Mates with UBR-120 Flange
Mounting Position …………………………………… Any
Weight ………………………………………………… 5 kg approx.
Cooling ………………………………………………… Conduction
ABSOLUTE RATINGS (Note 1, 2 and 3)
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ………………………………………
5.5
6.3
V
Heater Surge Current
……………………………
2.5
A
Heater Current ………………………………………
1.6
A
Heater Warm-up Time ……………………………
180
s
Collector Voltage ……………………………………
3.5
4.6
kVdc
Helix Voltage
………………………………………
8.2
9.0
kVdc
Cathode Current ……………………………………
260
mAdc
Helix Current
………………………………………
10
mAdc
Collector Dissipation ………………………………
1.2
kW
Helix Dissipation ……………………………………
50
W
RF Drive Power ……………………………………
5
mW
Reflected Power ……………………………………
10
W
Load VSWR …………………………………………
2 : 1
MECHANICAL
Ambient Temperature ……………………………
–40
+95
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com