Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST750101 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST750101
Description  RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST750101 Datasheet(HTML) 1 Page - E-SWITCH

  ST750101 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700ASP7B10M6REH
2:1
11/7/2007
ST750101
D
BLR
1
1
P.C. MOUNTIHNG
12.70
[.500 in]
6.60
[.260 in]
5.56
[.219 in]
8.80
[.346 in]
7.11
[.280 in]
10.40
[.409 in]
2.74
[.108 in]
4.70
[.185 in]TYP.
.76
[.030 in]TYP.
A
17568
RELEASED FOR PRODUCTION
8/20/07
BLR
1/4-40 UNS-2A
THREADS
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,500 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 75°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON) = MOMENTARY
12
3
3
4.70
[.185 in]
n1.85
[.073 in]
3.48
[.137 in]
1.27
[.050 in]
.76
[.030 in]
n2.95
[.116 in]
EPOXY SEAL
B
17690
REMOVED MOUNTING BRACKET
9/19/07
BLR
C
17840
DEFINE RATING LOCATION
11/02/07
BLR
PRINTED RATING, LOGO
D
D
17846
CORRECT PRINTED RATING
11/07/07
BLR


Similar Part No. - ST750101

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST750102 E-SWITCH-ST750102 Datasheet
122Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @ 250VAC
ST750104 E-SWITCH-ST750104 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
ST750105 E-SWITCH-ST750105 Datasheet
113Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
ST750107 E-SWITCH-ST750107 Datasheet
112Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - ST750101

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200USP1T1A1M2RE E-SWITCH-200USP1T1A1M2RE Datasheet
144Kb / 3P
Electrical Rating: 0.4VA, 20V Max. (AC or DC)
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711059 E-SWITCH-ST711059 Datasheet
130Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
Max. of DC resistance
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-4R7M MURATA-A915AY-4R7M Datasheet
725Kb / 2P
Max. of DC resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com