Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7215 Datasheet(PDF) 2 Page - NEC

Part # LD7215
Description  6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7215 Datasheet(HTML) 2 Page - NEC

  LD7215 Datasheet HTML 1Page - NEC LD7215 Datasheet HTML 2Page - NEC LD7215 Datasheet HTML 3Page - NEC LD7215 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD7215, LD7215C, LD7215D
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………… 5.85 to 6.425 GHz
Cathode ………………………………………………… Indirectly heated, Impregnated
Heater Voltage
…………………………………… 6.3 V
Heater Current
…………………………………… 3.9 A
MECHANICAL
Dimensions …………………………………………… See Outline
Focusing
……………………………………………… Periodic Permanent Magnet
Electrical Connections ……………………………… Flying Leads (LD7215, LD7215D)
AMP LGH 863023 Plug (LD7215C)
RF Connectors
Input ………………………………………………… Type SMA Female
Output ……………………………………………… Mates with CPR 137 Flange
Mounting Position …………………………………… Vertical (cathode down) or Horizontal
Weight ………………………………………………… 30 kg approx.
Cooling ………………………………………………… Forced Air
ABSOLUTE RATINGS (Note 1, 2, 3 and 4 )
ELECTRICAL
Min.
Max.
Heater Voltage ………………………………………
6.0
6.6
V
Heater Surge Current ………………………………
–8
A
Heater Current ………………………………………
35
A
HeaterWarm-up Time
……………………………
300
–
s
Collector Voltage ……………………………………
8.0
9.5
kV
Helix Voltage
………………………………………
12.5
13.7
kV
Accelerating Anode Voltage ………………………
10.0
13.0
kV
Collector Current ……………………………………
–
1.5
A
Helix Current
………………………………………
–30
mA
Accelerating Anode Current
……………………
–0.5
1.0
mA
Collector Dissipation ………………………………
–
13.3
kW
Helix Dissipation ……………………………………
–400
W
Reflected Power ……………………………………
–100
W
Load VSWR …………………………………………
–
1.5:1
MECHANICAL
Collector Temperature ……………………………
–300
°C
Cooling Air Temperature (Inlet) …………………
–20
45
°C
Cooling Air Flow ……………………………………
720
–
kg/hr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com