Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT850UPS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HT850UPS
Description  Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT850UPS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HT850UPS Datasheet HTML 1Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 2Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 3Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 4Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 5Page - List of Unclassifed Manufacturers HT850UPS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Replacement battery cartridge
(internal UPS battery replacement)
RBC51
Battery Access
Battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 83 to 147
Overvoltage correction
Input voltages between 129 and 147 are reduced by 12%
Undervoltage correction
Input voltages between 83 and 104 are boosted by 14%
LEDS ALARMS & SWITCHES
LED Indicators
2 LEDs indicate power status and overload/check battery status
Alarms
Audible alarm indicates power-failure and overload status
Switches
Combination switch controls on/off power status and self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
400
UPS AC suppression response time
Instantaneous
UPS Dataline suppression
1 line TEL/DSL (1 in / 2 out); Coax jacks (1 set)
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower; Ultra-compact desktop
Primary form factor
Desktop
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
4 x 12 x 7
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
10.2 x 30.5 x 17.8
UPS / Power Module weight (lbs)
15.2
UPS / Power Module weight (kg)
6.9
UPS Shipping dimensions (height x
width x depth / inches)
5.5 x 14.5 x 9.8
UPS Shipping dimensions (height x
width x depth / cm)
14 x 36.8 x 24.8
Shipping weight (lbs)
16.4
Shipping weight (kg)
7.4
UPS housing material
ABS
3 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com