Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53W Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 53W
Description  PCB Mount /EMF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

53W Datasheet(HTML) 1 Page - DB Lectro Inc

  53W Datasheet HTML 1Page - DB Lectro Inc 53W Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
53/57W Series
SPECIFICATIONS
The 53/57W Series is a 2 Form A and 3 Form A version
of the mercury EMF relay, which has acquired a favorable
reputation. This mercury relay achieves the EMF rate
less than 10
mounting area.
PRODUCT DESCRIPTIONS
53/57W Series
53W-3A□1N1
57W-2A□1N0
Low-Thermal Mercury
Parameters
Units
3 Form A
2 Form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
5.0
100
4.0
0.7
12.0
600
9.6
1.2
24.0
2000
19.2
2.4
5.0
60
4.0
0.7
12.0
300
9.6
1.2
24.0
1200
19.2
2.4
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
500
1.0
5.2
50
1000
120
2.0
500
1.0
5.2
50
1000
50
2.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(No Bounce)
Release Time
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1011
500
500
500
2.5
2.5
1010
500
500
500
2.5
2.0
Between all isolated pins
@ 500V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
50Hz square wave
Diode suppression
Thermal EMF
µV-Max
10.0*1)
10.0*2)
@ nominal coil voltage
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -20˚C to +80˚C
Operate temp: -10˚C to +60˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
Ordering Code:
53W-3A□1N1
*1) Test after rated voltage applied for 30 minutes
□
=1 (5.0VDC), 2 (12.0VDC), 3 (24.0VDC)
*2) Short 1-14 measured 7-8
57W-2A□1N0
Test after rated voltage applied for 30 minutes
□
=1 (5.0VDC), 2 (12.0VDC), 3 (24.0VDC)
µV, and allows effective utilization of smaller
PCB Mount /EMF


Similar Part No. - 53W

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53W008-000 ROSENBERGER-53W008-000 Datasheet
281Kb / 2P
Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
283Kb / 2P
Torque Wrench
53W009-000 ROSENBERGER-53W009-000 Datasheet
161Kb / 3P
Calibration Kit
53W009-000 ROSENBERGER-53W009-000 Datasheet
648Kb / 3P
Calibration Kit
53W009-000 ROSENBERGER-53W009-000 Datasheet
578Kb / 3P
Calibration Kit
More results

Similar Description - 53W

ManufacturerPart #DatasheetDescription
logo
Coto Technology
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
Low Thermal EMF Reed Relays
logo
Allen-Bradley
CU3 ALLEN-BRADLEY-CU3 Datasheet
78Kb / 2P
Back EMF Monitors
logo
Extech Instruments Corp...
480836 EXTECH-480836 Datasheet
712Kb / 16P
RF EMF Strength Meter
logo
Fuji Electric
EDS8-1F FUJI-EDS8-1F Datasheet
110Kb / 4P
FC SERIES EMF TRANSMITTER
EDS9-1J FUJI-EDS9-1J Datasheet
221Kb / 4P
FC SERIES EMF CONVERTER
logo
Schurter Inc.
0041.2301 SCHURTER-0041.2301 Datasheet
1Mb / 7P
Illuminated pushbutton EMF
logo
DB Lectro Inc
54D DBLECTRO-54D Datasheet
264Kb / 2P
PCB Mount / EMF
logo
Extech Instruments Corp...
480826 EXTECH-480826_15 Datasheet
174Kb / 1P
Triple Axis EMF Tester
480836 EXTECH-480836_15 Datasheet
111Kb / 1P
RF EMF Strength Meter
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
Low thermal EMF version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com