Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2016LH6 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # Q2016LH6
Description  Alternistor Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q2016LH6 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button Q2016LH6 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Q2016LH6 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E4.13 Power Dissipation (Typical) versus On-state Current
(6 A to 12 A)
Figure E4.14 Power Dissipation (Typical) versus On-state Current
(16 A)
Figure E4.15 Power Dissipation (Typical) versus On-state Current
(25 A to 40 A)
Figure E4.16 Maximum Allowable Ambient Temperature versus
On-state Current
0123456789
10 11 12 13 14 15 16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [l
T(RMS)] – AmpsS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
6A to 12A Devices
02
46
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
RMS On-state Current [IT(RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or inductive
CONDUCTION ANGLE: 360˚
16A Devices
012
20
28
36
4
16
24
32
40
8
0
5
10
15
20
25
30
35
40
45
RMS On-State Current [IT(RMS)]—Amps
25 A
40 A
Current Waveform: Sinusoidal
Load: Resistive or Inductive
Conduction Angle: 360˚
30 A and
35 A Devices
120
100
80
60
40
25
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
TO-220 Devices
RMS On-state Current [IT (RMS)] – Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
˚
FREE AIR RATING – NO HEATSINK
TO-251 Devices



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com