Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MDC
Description  Dry-Type Multiple-Disk EM Clutch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MDC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MDC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
1.2
2.5
5
10
20
8.9 / 12
18 / 25
37 / 50
74 / 100
148 / 200
13 / 17
26 / 35
52 / 71
103 / 140
207 / 281
0.48
0.71
0.91
1.5
1.9
49.5
34
26.4
16
12.8
12
17
22
36
45
36
50
60
80
110
24
Voltage [DC-V]
Dry-Type Multiple-Disk EM Clutch
Types: 1.2, 2.5, 5, 10, 20
Static Torque [ft-lbs / N-m]
Dynamic Torque [ft-lbs / N-m]
MDC
Current [A]
Resistance [Ω]
Wattage [W]
Coil
(20°C)
Armature Pull In Time [ms]
MDC
36
50
60
80
110
80
130
150
160
240
34
38
50
63
120
1400
1200
1000
850
700
Hub
3
6
14
34
61
Outer Disc
0.5
1
2
7
13
2.5 x 107
3.7 x 107
5.8 x 107
12.3 x 107
16.0 x 107
7
11234265
dH7
20
25
30
40
50
bE9
6
8
8
12
14
t+0.2/-0
21.7
26.7
32
42.5
52.5
A
80
95
112
132
157
B
73
87.5
103
122
145
D
78
93
110
130
155
E
4757638091
F
66688
H
5.5
5.5
5.5
6.5
6.5
L
45
49
57
63
73
M
13.5
14.8
17.7
22
24.5
N
8.5
9.3
10.2
14.2
15.4
O2
2
1.5
2
2
R
12
14
14
16
16
S2
2.3
2.3
3
3
W
8
10
10
12
12
W (Qty)
66666
3.1 / 1.4
4.4 / 2.0
6.6 / 3.0
11 / 5
17 / 8
UN1.2
UN2.5
UN5
UN10
UN20
[ Included parts & accessories : surge protector ]
[ 1" = 25.4mm ]
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
Bore [mm]
Moment of Inertia (J)
[kg-cm²]
Total Energy Until Life [J]
Max Work Rate [W]
Coupling
Weight [lbs / kg]
Dimensions
[mm]
Key Way [mm]
Armature Pull-In Time [ms]
Max Allowable Speed [rpm]
Torque Build-Up Time [ms]
Torque Decay Time [ms]
MDC


Similar Part No. - MDC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDC MSYSTEM-MDC Datasheet
99Kb / 3P
Plug-in Signal Conditioners M-UNIT
MDC-1-B MSYSTEM-MDC-1-B Datasheet
99Kb / 3P
Plug-in Signal Conditioners M-UNIT
MDC-1-B/Q MSYSTEM-MDC-1-B/Q Datasheet
99Kb / 3P
Plug-in Signal Conditioners M-UNIT
MDC-1-C MSYSTEM-MDC-1-C Datasheet
99Kb / 3P
Plug-in Signal Conditioners M-UNIT
MDC-1-C/Q MSYSTEM-MDC-1-C/Q Datasheet
99Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MDC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
MDB-N ETC-MDB-N Datasheet
128Kb / 1P
Dry-Type Multiple-Disk EM Brake
MIC ETC-MIC Datasheet
188Kb / 2P
Micro EM Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MWB ETC-MWB Datasheet
126Kb / 1P
Wet-Type Multiple-Disk EM Brake
MWC ETC-MWC Datasheet
227Kb / 1P
Wet-Type Multiple-Disk EM Clutch
MWC-40 ETC-MWC-40 Datasheet
223Kb / 1P
Wet-Type Multiple-Disk EM Clutch
UN ETC2-UN Datasheet
125Kb / 1P
Coupling for Multiple-Disk Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com