Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPL-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPL-R
Description  PM Magnetic Particle Torque Limiter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OPL-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPL-R Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ PM: Permanent Magnet ]
d+0.1/-0
6
8
6
8
A
B
C
D
L
M
N
P
[ 1" = 25.4mm ]
Weight [lbs / kg]
Dimensions
[mm]
1.2R
1.1 / 0.12
0.53~1.06 / 0.06~0.12
250
8
20
0.066 / 0.030
0.6R
27.5
11
34.5
0.53 / 0.06
0.35~0.53 / 0.04~0.06
300
20
17
17
11
27
11
20
0.055 / 0.025
20
0.055 / 0.025
2.5
5
11
27.5
5
Bore [mm]
OPL
Static Torque [in-lbs / N-m]
Optional Torque Range [in-lbs / N-m]
Max Slip Speed [rpm]
0.3R
0.27 / 0.03
0.17~0.35 / 0.02~0.04
300
11
PM Magnetic Particle Torque Limiter
Types: 0.3, 0.6, 1.2
5
┌────────────────
┌────────────────
┌────────────────
┌──────────────── [ Special Order ]────────────────┐
────────────────┐
────────────────┐
────────────────┐
20
17
11
2.5
2.5
OPL-R


Similar Part No. - OPL-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPL-0.3N ETC-OPL-0.3N Datasheet
72Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-0.6N ETC-OPL-0.6N Datasheet
72Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-1.2N ETC-OPL-1.2N Datasheet
72Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-1.5BN ETC-OPL-1.5BN Datasheet
79Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-1.5BR ETC-OPL-1.5BR Datasheet
78Kb / 1P
PM Magnetic Particle Torque Limiter
More results

Similar Description - OPL-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB-N ETC-OPB-N Datasheet
99Kb / 1P
EM Magnetic Particle Brake
OPC ETC-OPC Datasheet
110Kb / 1P
EM Magnetic Particle Clutch
OPL-BN ETC-OPL-BN Datasheet
79Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-BR ETC-OPL-BR Datasheet
78Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-N ETC-OPL-N Datasheet
72Kb / 1P
PM Magnetic Particle Torque Limiter
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com