Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7202L Datasheet(PDF) 4 Page - NEC

Part # LD7202L
Description  14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7202L Datasheet(HTML) 4 Page - NEC

  LD7202L Datasheet HTML 1Page - NEC LD7202L Datasheet HTML 2Page - NEC LD7202L Datasheet HTML 3Page - NEC LD7202L Datasheet HTML 4Page - NEC LD7202L Datasheet HTML 5Page - NEC LD7202L Datasheet HTML 6Page - NEC LD7202L Datasheet HTML 7Page - NEC LD7202L Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LD7202 SERIES
TYPICAL OPERATION (Note 4 and 5)
Unit
Frequency
LD7202/A/B ..........................................................
14.0 to14.5
GHz
LD7202L ...............................................................
13.75 to14.5
GHz
LD7202W .............................................................
12.75 to13.25, 13.75 to14.5
GHz
Output Power ...............................................................
600
W
Heater Voltage (Note 5) ..................................................
6.3
V
Heater Current .............................................................
1.4
A
Helix Voltage ................................................................
10.5
kV
Helix Current ................................................................
3
mA
Collector Voltage .........................................................
5.4
kV
Collector Current .........................................................
360
mA
Anode Voltage .............................................................
5.9
kV
Anode Current .............................................................
0.1
mA
Power Gain
at 70 W .................................................................
58
dB
at 600 W ...............................................................
52
dB
Gain Variation (at Po=70 W)
LD7202/A/B ..........................................................
2
dB/500MHz
LD7202L ...............................................................
2.4
dB/750MHz
LD7202W (12.75 to 13.25 GHz) .........................
2
dB/500MHz
(13.75 to 14.5 GHz) ...........................
2.4
dB/750MHz
Gain Slope ...................................................................
0.01
dB/MHz
AM-PM Conversion
at 70 W .................................................................
1.5
deg./dB
at 600 W ...............................................................
5
deg./dB
3rd Order Intermodulation .........................................
-28
dBc
(two equal carriers, 70 W total)
Cooling Air Flow ..........................................................
252
kg/hr
Pressure Drop ..............................................................
588
Pa
Note 1 : Absolute rating should not be exceeded under continuous or transient conditions. A single absolute
rating may be the limitation and simultaneous operation at more than one absolute rating may not be
possible.
Note 2 : The tube helix is at the ground potential in operation.
Note 3 : All voltages except heater voltage are referred to the cathode potential except the heater voltage.
Note 4 : The optimum operating parameters are shown on a test performance sheet for each tube.
Note 5 : These characteristics and operating values may be changed as a result of additional information or prod-
uct improvement. NEC should be consulted before using this information for equipment design.
This data sheet should not be referred to a contractual specification.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com