Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHT-30D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHT-30D
Description  PM Hysteresis Torque Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PHT-30D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHT-30D Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ PM: Permanent Magnet ]
1.2D
2.5D
5D
10D
30D
70D
0.18 ~ 1.8
0.44 ~ 3.5
0.44 ~ 6.6
1.8 ~ 13
2.7 ~ 27
6.2 ~ 62
0.020 ~
0 203
0.050 ~
0 395
0.050 ~
0 746
0.203 ~
1 469
0.305 ~
3 051
0.701 ~
7 005
PM Hysteresis Torque Controller
Types: 1.2, 2.5, 5, 10, 30, 70
PHT
Torque Range [in-lbs]
Torque Range [N-m]
PHT-D
0.203
0.395
0.746
1.469
3.051
7.005
1800
1800
1800
1800
1000
700
15
20
30
45
70
150
Body
1.3
4.5
7.5
11.5
55
230
Shaft
0.078
0.243
0.4
1.075
6.25
27.5
dH7
6
6
8
15
16
16
Length
37.5
40
43
53.7
61
64
bjs9
-
-
3555
t+0.1/-0
-
-
9.4
17.3
18.3
18.3
A
47607082
118
166
B
32404660
76.2
105
CH7
22
28
28
47
62
62
D
181215253535
E
M3M3M3M4M4M4
F
M3M3M3M4M5M5
L
39.5
42
45
57.2
65
68
M
32.5
35
37
50.1
55
59
N
778
7.1
10
9
T
6
6
6
10
12
12
Y
334
3.5
6
6
0.66 / 0.30
1.3 / 0.6
1.9 / 0.9
3.5 / 1.6
7.9 / 3.6
17 / 8
[ 1" = 25.4mm ]
Weight [lbs / kg]
Dimensions
[mm]
Key Way [mm]
Bore [mm]
Moment of Inertia (J)
[kg-cm²]
Max Slip Speed [rpm]
Max Slip Wattage [W]
PHT-D
Ogura Industrial
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
PHT-D


Similar Part No. - PHT-30D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHT-30D ETC-PHT-30D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
More results

Similar Description - PHT-30D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPL-BN ETC-OPL-BN Datasheet
79Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-BR ETC-OPL-BR Datasheet
78Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-N ETC-OPL-N Datasheet
72Kb / 1P
PM Magnetic Particle Torque Limiter
OPL-R ETC-OPL-R Datasheet
91Kb / 1P
PM Magnetic Particle Torque Limiter
PET ETC-PET Datasheet
95Kb / 1P
PM Eddy-Current Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
PHT-1.2D ETC-PHT-1.2D Datasheet
73Kb / 1P
PM Hysteresis Torque Controller
PHT-D ETC-PHT-D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-S ETC-PHT-S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com