Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95D Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 95D
Description  High Insulation Resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

95D Datasheet(HTML) 2 Page - DB Lectro Inc

  95D Datasheet HTML 1Page - DB Lectro Inc 95D Datasheet HTML 2Page - DB Lectro Inc 95D Datasheet HTML 3Page - DB Lectro Inc 95D Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
95D 2A Series
95D-2A□4N4
High Insulation Resistance
Parameters
Units
2 Form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
VDC Max
VDC Min
5.0
260
3.4
0.7
12.0
1500
8.3
1.2
24.0
6000
17.1
2.4
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
350
0.5
2.5
50
1000
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
Ω Min
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1014
1013
1011
500
1000
1000
1.0
1.0
Between open contacts
Contacts to shield
Shield to coil
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +80˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
95D 3A Series
95D-3A□4N4
High Insulation Resistance
Parameters
Units
3 Form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
VDC Max
VDC Min
5.0
180
3.5
0.7
12.0
1000
8.7
1.2
24.0
4000
17.8
2.4
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
350
0.5
2.5
50
1000
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
Ω Min
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1014
1013
1011
500
1000
1000
1.0
1.0
Between open contacts
Contacts to shield
Shield to coil
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +80˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com