Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1000LCD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART1000LCD
Description  Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1000LCD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART1000LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1000LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4 UPS battery supported outlets, plus 4 additional surge suppression-only outlets
Space saving right angle 5-15P input plug
USB port and cable enables unattended shutdown in the case of extended power failure
HID-compliant USB interface enables full integration with built-in power management and auto shutdown features of Windows and Mac OS X.
PowerAlert software available via free download from www.tripplite.com
Single-line phone suppression protects standard dialup/DSL phone connection
1000VA/500 watt power handling ability supports a variety of sensitive computer, home theater and other equipment
3 minutes full load runtime (1000VA/500 watts), 10 minutes half load runtime (500VA/250 watts)
Cabinet adapts to tower format or rackmount shelf format. Rackmount (2U) format requires an optional shelf, available separately
Supports battery replacement via built-in access panel
$250,000 connected equipment insurance (USA and Canada Only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1000
Output Watt Capacity (watts)
500
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
8 5-15R outlet(s)
Surge suppression only outlets
4 UPS outlets, 4 surge-only outlets
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
3 min. (500w)
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com