Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART1200LCD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART1200LCD
Description  Smart LCD 1200VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1200LCD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART1200LCD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1200LCD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1200VA/700W power handling ability supports a variety of sensitive computer, home theater and other equipment
4 min. full load runtime (1200VA/700W); 12 min. half-load runtime (600VA/350W)
Cabinet adapts to tower or rackmount shelf format. Rackmount installation brackets for 2U installation included
$250,000 Ultimate Lifetime Insurance (USA and Canada Only)
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1200
Output kVA capacity (kVA)
1.2
Output Watt Capacity (watts)
700
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18%, +8%
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
8 5-15R outlet(s)
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
7A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
Input circuit breaker
10A
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
4 min. (700w)
Half load runtime (minutes)
12 min. (350w)
DC system voltage (VDC)
24
Battery recharge rate (included
batteries)
Less than 4.5 hours from 10% to 90%
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com