Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1342 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC1342
Description  Silicon NPN Epitaxial Planar
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1342 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC1342 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 7Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 8Page - Hitachi Semiconductor 2SC1342 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC1342
4
0.60
0.64
0.68
0.72
0.76
0.80
Base to Emitter Voltage VBE (V)
0
1
2
3
4
5
Typical Transfer Characteristics (2)
VCE = 6 V
0.1
0.2
0.5
1.0
2
5
10
20
Collector Current IC (mA)
20
0
60
40
80
100
120
140
DC Current Transfer Ratio vs.
Collector Current
VCE = 6 V
0.1
0.2
0.5
1.0
2
5
10
20
Collector to Base Voltage VCB (V)
0.8
0.6
1.2
1.0
1.4
1.6
1.8
2.0
Collector Output Capacitance vs.
Collector to Base Voltage
f = 1 MHz
IE = 0
0.1
0.2
0.5
1.0
2
5
10
20
Collector to Emitter Voltage VCE (V)
0.4
0
1.2
0.8
1.6
2.0
2.4
2.8
Reverse Transfer Capacitance vs.
Collector to Emitter Voltage
f = 1 MHz
IE = –1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com