Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1472K Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC1472K
Description  Silicon NPN Epitaxial, Darlington
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1472K Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC1472K Datasheet HTML 1Page - Hitachi Semiconductor 2SC1472K Datasheet HTML 2Page - Hitachi Semiconductor 2SC1472K Datasheet HTML 3Page - Hitachi Semiconductor 2SC1472K Datasheet HTML 4Page - Hitachi Semiconductor 2SC1472K Datasheet HTML 5Page - Hitachi Semiconductor 2SC1472K Datasheet HTML 6Page - Hitachi Semiconductor 2SC1472K Datasheet HTML 7Page - Hitachi Semiconductor 2SC1472K Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC1472 (K)
4
150
50
100
Ambient Temperature Ta (
°C)
600
400
200
0
Maximum Collector Dissipation Curve
10
2.0
6.0
4.0
8.0
Collector to Emitter Voltage VCE (V)
500
300
400
200
100
0
Typical Output Characteristics
IB = 0
2
µA
4
6
8
10
12
20
14
16
18
P
C =
500 mW
50
10
30
20
40
Collector to Emitter Voltage VCE (V)
200
120
160
80
40
0
Typical Output Characteristics
IB = 0
0.5
µA
Pulse
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
P
C = 500
mW
Collector to Emitter Voltage VCE (V)
10,000
1,000
100
10
1.0
0.1
0.01
010
30
20
Collector Cutoff Current vs.
Collector to Emitter Voltage
TC = 25°C
RBE = ∞
50
75
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com