Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1907 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC1907
Description  Silicon NPN Epitaxial Planar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1907 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC1907 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1907 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1907 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1907 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1907 Datasheet HTML 5Page - Hitachi Semiconductor 2SC1907 Datasheet HTML 6Page - Hitachi Semiconductor 2SC1907 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC1907
4
0
200
600
800
400
1,000
1,200
0.5 1.0
0.2
2
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
5
10 20
50 100
VCE = 10 V
0.1
5
2
20
10
100
50
200
0.2
0.5
1.0
Collector Current IC (mA)
Base Time Constant vs.
Collector Current
25
10
VCB = 10 V
f = 31.8 MHz
–60
–50
–40
–30
–20
–10
0
510
015
Input Conductance gib (mS)
Input Admittance Characteristics
20
25
30
VCB = 10 V
Output end short
yib = gib+jbib
I
C = 5 mA
1,200 MHz
1,000
600
10
mA
15
mA
400
900
800
–6
–5
–4
–3
–2
–1
0
–1.0
–0.8
–1.2
–0.6
Reverse Transfer Conductance grb (mS)
Reverse Transfer Admittance
Characteristics
–0.4
–0.2
0
VCB = 10 V
Input end short
yrb = grb+jbrb
400 MHz
600
800
900
1,000
1,200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com