Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8580A Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8580A
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580A Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8580A Datasheet HTML 17Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 18Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 19Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 21Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 22Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 23Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 24Page - Wolfson Microelectronics plc WM8580A Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
Production Data
WM8580A
w
PD, Rev 4.9, November 2013
21
REGISTER READBACK
The WM8580A allows readback of certain registers in 2-wire mode, with data output on the SDO pin.
As in 3-wire mode, there are two methods of reading back data: continuous and non-continuous
readback. Continuous readback is set by writing to the Readback Control register (see Table 9) to set
READEN and CONTREAD to 1, and to set the READMUX bits to select the register to be read back.
The status of this register can then be readback using the protocol shown in Figure 10.
Figure 10 2-Wire Continuous Readback
If CONTREAD is set to zero, the user can read back directly from the register by writing to the register
address, to which the device will respond with data. The protocol for this system is shown in Figure
11.
Figure 11 2-Wire Non-Continuous Readback
SOFTWARE REGISTER RESET
Writing to register R53 will cause a register reset, resetting all register bits to their default values.
Table 11 Software Reset
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R53
RESET
35h
8:0
RESET
n/a
Writing any data value to this register
will apply a reset to the device
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com