Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2113 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # G2113
Description  C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G2113 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  G2113 Datasheet HTML 1Page - E-Tech Electronics LTD G2113 Datasheet HTML 2Page - E-Tech Electronics LTD G2113 Datasheet HTML 3Page - E-Tech Electronics LTD G2113 Datasheet HTML 4Page - E-Tech Electronics LTD G2113 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ISSUED DATE :2004/12/22
REVISED DATE :
G
G 22111133
C
C M
M O
O S
S P
P o
o ss ii tt ii vv ee V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The G2113 series of positive, linear regulators feature low quiescent current (30 A typ.) with low dropout
voltage, making them ideal for battery applications.
These rugged devices have both Thermal Shutdown, and Current Fold-back to prevent device failure under
the “Worst” of operating conditions.
The G2113 is stable with an output capacitance of 2.2 F or greater.
Features
Block Diagram
&Very Low Dropout Voltage
&Guaranteed 300mA output
&Over-Temperature Shutdown
&Current Limiting
&Short Circuit Current Fold-back
&Factory Pre-set Output Voltage
&Highly Accurate± 1.5%
&
‡
Temperature Coefficient
Applications
&Battery Powered Widgets
&Instrumentation
&Wireless Devices
&Cordless Phones
&PC Peripherals
&Portable Electronics
&Electronic Scales
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Typical Application Circuit
e1
b
e
SEATING
PLANE
b1
D
C
S1
E
TO-92


Similar Part No. - G2113

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2113 GTM-G2113 Datasheet
331Kb / 5P
CMOS Positive Voltage Regulator
More results

Similar Description - G2113

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62FP ETL-G62FP Datasheet
1,011Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G62VP ETL-G62VP Datasheet
1,011Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
G2123 ETL-G2123 Datasheet
346Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2141 ETL-GQ2141 Datasheet
773Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GQ2171 ETL-GQ2171 Datasheet
755Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com