Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2732 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SC2732
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2732 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SC2732 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2732 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2732 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2732 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2732 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2732 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2732 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC2732
5
Conversion Gain, Noise Figure Test Curcuit
1 k
80 p
8 p
12 p
200 p
C3
C2
C1
L5
L6
L4
L3
L1
L2
L
1
:
φ1 mm Enameled Copper wire
L
2
:
φ1 mm Enameled Copper wire
L
3
:
φ1 mm Enameled Copper wire
L
4
:
φ1 mm Enameled Copper wire
L
5
: Bobbin
φ0.5 mm inside dia, φ0.2 mm Enameled Copper wire 20 Turns
L
6
:
φ5 mm Enameled Copper wire 1 Turns inside dia φ6 mm
C
1
: 20 pF max. Air Trimmer Condenser
C
2, C3
: 1000 pF Air Core Capacitor
200
µ
0.047
µ
fout = 30 MHz
RL = 50 Ω
fosc = 930 MHz
(0 dBm)
100
D.U.T.
f = 900 MHz
∗
∗······Disk Capacitor
Unit R :
Ω
C : F
L : H
Unit : mm
23
90
°
90
°
90
°
90
° 90°
130
°
90
°
120
°
11
22
13
3
20
13
11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com