Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2734 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC2734
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2734 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button 2SC2734 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 8Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 9Page - Hitachi Semiconductor 2SC2734 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC2734
6
fosc = 930 MHz
(0 dBm)
L4
L6
L5
C3
VCC
80 p
200 p
12 p
8 p
100
C2
VBB
L3
L1
L2
D.U.T.
0.047
µ
200
µ
1 k
fout = 30 MHz
RL = 50 Ω
*
* ···· Disk Capacitor
R
C
L
Unit
:
:
:
Ω
F
H
23
22
13
13
11
3
11
90
°
90
°
90
°
90
°
90
° 130°
130
°
120
°
20
Unit : mm
L1 : φ1 mm Enameled Copper wire
L2 : φ1 mm Enameled Copper wire
L3 : φ1 mm Enameled Copper wire
L4 : φ1 mm Enameled Copper wire
L5 : Bobbin φ5 mm inside dia, φ0.2 mm 20 Turns Enameled Copper wire
L6 : φ0.5 mm Enameled Copper wire 1 Turn inside dia φ6 mm
C1 : 20 pF max. Air Trimmer Condenser
C2, C3 : 1000 pF Air Core Capacitor
Conversion Gain, Noise Figure Test Curcuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com