Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7249U Datasheet(PDF) 2 Page - NEC

Part # LD7249U
Description  14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7249U Datasheet(HTML) 2 Page - NEC

  LD7249U Datasheet HTML 1Page - NEC LD7249U Datasheet HTML 2Page - NEC LD7249U Datasheet HTML 3Page - NEC LD7249U Datasheet HTML 4Page - NEC LD7249U Datasheet HTML 5Page - NEC LD7249U Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
LD7249 SERIES
DATA SHEET ET0221EJ5V0DS00
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ……………………………………………… 13.75 to 14.5 GHz
Output Power
LD7249 ……………………………………………… 350 W
LD7249U …………………………………………… 400 W
Heater Voltage ………………………………………… 6.3 V
Heater Current ………………………………………… 1.2 A
Type of Cathode ……………………………………… Indirectly heated, Impregnated
Cathode Warm-up Time
…………………………… 180 s
MECHANICAL
Dimensions …………………………………………… See outline
Weight ………………………………………………… 4 kg approx.
Focusing
……………………………………………… Periodic Permanent Magnet
Mounting Position …………………………………… Any
Electrical Connections ……………………………… Flying Leads
Heater, Heater-Cathode,
(Optionally, the HV lead out let position can be changeable)
Helix, Collector-1, Collector-2
and Thermal Protection
RF Connections
Input ………………………………………………… Type SMA Female
Output ……………………………………………… Mates with UBR-120 Flange, Waveguide : WR-75
Cooling ………………………………………………… Conduction
ABSOLUTE RATINGS (Note 1, 2 and 3 )
ELECTRICAL
min.
max.
Unit
Heater Voltage ………………………………………
6.0
6.6
V
Heater Surge Current
……………………………
–
3.0
A
Heater Current ………………………………………
1.0
2.0
A
Heater Warm-up Time ……………………………
180
–
s
Helix Voltage
………………………………………
8.0
9.2
kV
Helix Current
………………………………………
0
10
mA
Collector-1 Voltage …………………………………
4.0
4.6
kV
Collector-1 Current …………………………………
–
180
mA
Collector-2 Voltage …………………………………
2.3
3.1
kV
Collector-2 Current …………………………………
–
290
mA
Cathode Current ……………………………………
200
290
mA
RF Drive Power ……………………………………
–
5
mW
Load VSWR …………………………………………
–
1.5 : 1
MECHANICAL
Min.
Max.
Unit
Heat Sink Temperature ……………………………
–40
+115
°C
ENVIRONMENTAL
Min.
Max.
Unit
Ambient Temperature
Storage ……………………………………………
–50
+90
˚C
Operating …………………………………………
–40
+100
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com