Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3127 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC3127
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3127 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC3127 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 7Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 8Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 9Page - Hitachi Semiconductor 2SC3127 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC3127, 2SC3128, 2SC3510
8
Input and Output Reflection Coefficient vs. Frequency
Frequency f (MHz)
–20
–10
0
–15
1,000
750
500
250
0
–5
VCC = 12 V, IC = 20 mA
Input Power Level
–50 dBm
S22
S11
Vhf to Uhf Wide Band Amp. Circuit
470
50 p
50 p
2.4 k
50 p
5 p
1,200 p
Output
Input
Rg = 50
Ω
L1
L2
T1
RL = 50 Ω
1.2 p 4,400 p
4,400 p
2,200 p
110
VBB
VCC
2.5 p
Unit R :
Ω
C : F
Parts Spcecification
L1 : Inside dia φ3.0 mm, φ0.4 mm Polyurethane Coated Copper wire 12 Turns.
L2 : Inside dia φ3.5 mm, φ0.5 mm Polyurethane Coated Copper wire 9 Turns.
T1 : Balance wind used Ferrite Core
Outside dia
φ4.0 mm, Inside dia φ2.0 mm
φ0.1 mm Polyurethane Coated Copper wire 3 Turns.
Ratio Input to Output is 2 : 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com