Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3380 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC3380
Description  Silicon NPN Triple Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3380 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC3380 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3380 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3380 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3380 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3380 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3380 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC3380
4
0.1
3
1.0
0.3
10
13
10
Collector Current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
30
100
Pulse
IC = 10 IB
Ta = 25
°C
0
60
40
20
100
80
0.5
1.0
2
5
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
10
20
50
Pulse
VCE = 20 V
0.5
10
5
2
1.0
50
20
12
5
10
20
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
50
100
f = 1 MHz
IE = 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com