Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF32NM50N Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF32NM50N
Description  N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF32NM50N Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF32NM50N Datasheet HTML 3Page - STMicroelectronics STF32NM50N Datasheet HTML 4Page - STMicroelectronics STF32NM50N Datasheet HTML 5Page - STMicroelectronics STF32NM50N Datasheet HTML 6Page - STMicroelectronics STF32NM50N Datasheet HTML 7Page - STMicroelectronics STF32NM50N Datasheet HTML 8Page - STMicroelectronics STF32NM50N Datasheet HTML 9Page - STMicroelectronics STF32NM50N Datasheet HTML 10Page - STMicroelectronics STF32NM50N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STB32NM50N, STF32NM50N, STP32NM50N, STW32NM50N
Electrical characteristics
Doc ID 023436 Rev 1
7/21
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Gate charge vs gate-source voltage Figure 11.
Static drain-source on-resistance
Figure 12.
Capacitance variations
Figure 13.
Output capacitance stored energy
ID
30
20
10
0
0
10
VDS(V)
20
(A)
5
15
25
40
5V
6V
VGS=10V
30
50
60
4V
AM13090v1
ID
30
20
10
0
0
4
VGS(V)
8
(A)
2
6
10
40
50
60
VDS=21V
AM13091v1
VGS
6
4
2
0
0
10
Qg(nC)
(V)
40
8
20
30
10
VDD=400V
ID=22A
50
12
250
200
100
0
350
400
VDS
VDS(V)
300
150
50
60
AM13092v1
RDS(on)
0.100
0.098
0.096
0.094
0
10
ID(A)
(
Ω)
5
15
0.102
0.104
VGS=10V
20
AM13093v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
10000
100
Ciss
Coss
Crss
AM14903v1
Eoss
3
2
1
0
0
100
VDS(V)
(µJ)
400
4
200
300
500
6
5
7
8
9
10
AM14904v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com