Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4422 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC4422
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4422 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC4422 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4422 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC4422
3
Maximum Collector Dissipation Curve
Ambient Temperature Ta (
°C)
400
600
200
0
50
100
150
Typical Output Characteristic
Collector to Emitter Voltage VCE (V)
150
125
100
IB = 25 µA
75
50
20
16
12
8
4
02
4
10
8
6
DC Current Transfer Ratio vs.
Collector Current
VCE = 5 V
200
160
120
80
40
0
12
10
Collector Current IC (mA)
50
520
Gain Bandwidth Product vs.
Collector Current
VCE = 5 V
10
8
6
4
2
0
12
10
Collector Current IC (mA)
50
520



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com