Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLB010050 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PLB010050
Description  MAGIC LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLB010050 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PLB010050 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB010050 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLB010050 Series
| Advanced Datasheet
Datasheet No 292420 Issue 3
Page 3 of 5
17/04/2014
Ordering Information
Name
Order code
Colour range
Luminous intensity
range
PLB010050-M
PLB010050M000
M1, M2, M3 & M4
2B, 3B & 4B
PLB010050-P
PLB010050P000
P1, P2
3B, 4B & 5B
PLB010050-T
PLB010050T000
T1, T2
3B, 4B & 5B
Intensity Bin Groups
IF = 60mA, Tamb = +25oC, unless otherwise stated
Variant
Group
Luminous
Intensity Iv [1]
(mcd)
Typ. Luminous
Flux Φv (lm)
Radiant Power Range
(mW)
Min.
Max.
Min.
Max.
PLB010050-M
2B
375
475
1.38
47
52
3B
475
600
1.70
52
57
4B
600
750
2.06
57
65
PLB010050-P
&
PLB010050-T
3B
475
600
1.70
-
-
4B
600
750
2.00
-
-
5B
750
1060
2.80
-
-
[1] Tolerance ±10% and packaged with a 1 millimeter radius silicone dome lens (R.I. 1.41)
Dominant Wavelength Bin Groups
IF = 60mA, Tamb = +25oC, unless otherwise stated
Group
λd [1]
(nm)
Min.
Max.
M1
450
452.5
M2
452.5
455
M3
455
457.5
M4
457.5
460
P1
460
465
P2
465
470
T1
470
475
T2
475
480
[1] Tolerance ±1nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com