Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC454 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC454
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC454 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC454 Datasheet HTML 1Page - Hitachi Semiconductor 2SC454 Datasheet HTML 2Page - Hitachi Semiconductor 2SC454 Datasheet HTML 3Page - Hitachi Semiconductor 2SC454 Datasheet HTML 4Page - Hitachi Semiconductor 2SC454 Datasheet HTML 5Page - Hitachi Semiconductor 2SC454 Datasheet HTML 6Page - Hitachi Semiconductor 2SC454 Datasheet HTML 7Page - Hitachi Semiconductor 2SC454 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC454
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
30
V
Collector to emitter voltage
V
CEO
30
V
Emitter to base voltage
V
EBO
5V
Collector current
I
C
100
mA
Collector power dissipation
P
C
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
30
—
—
V
I
C = 10 µA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
30
—
—
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
—
V
I
E = 10 µA, IC = 0
Collector cutoff current
I
CBO
—
—
0.5
µAV
CB = 18 V, IE = 0
Emitter cutoff current
I
EBO
—
—
0.5
µAV
EB = 2 V, IC = 0
DC current transfer ratio
h
FE*
1
100
—
500
V
CE = 12 V, IC = 2 mA
Base to emitter voltage
V
BE
—
0.63
0.75
V
V
CE = 12 V, IC = 2 mA
Collector to emitter saturation
voltage
V
CE(sat)
—
—
0.2
V
I
C = 10 mA, IB = 1 mA
Gain bandwidth product
f
T
—
230
—
MHz
V
CE = 12 V, IC = 2 mA
Collector output capacitance
Cob
—
—
3.5
pF
V
CB = 10 V, IE = 0, f = 1 MHz
Noise figure
NF
—
—
25
dB
V
CE = 6 V, IC = 0.1 mA,
f = 1 kHz, R
g = 500 Ω
IF power gain
IFG
—
35
—
dB
V
CE = 12 V, IC = 1 mA,
f = 455 kHz, Rg = 1.5 k
Ω,
R
L = 40 kΩ
Note:
1. The 2SC454 is grouped by h
FE as follows.
BC
D
100 to 200
160 to 320
250 to 500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com