Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC458 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # 2SC458
Description  Silicon NPN Epitaxial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC458 Datasheet(HTML) 6 Page - Hitachi Semiconductor

  2SC458 Datasheet HTML 1Page - Hitachi Semiconductor 2SC458 Datasheet HTML 2Page - Hitachi Semiconductor 2SC458 Datasheet HTML 3Page - Hitachi Semiconductor 2SC458 Datasheet HTML 4Page - Hitachi Semiconductor 2SC458 Datasheet HTML 5Page - Hitachi Semiconductor 2SC458 Datasheet HTML 6Page - Hitachi Semiconductor 2SC458 Datasheet HTML 7Page - Hitachi Semiconductor 2SC458 Datasheet HTML 8Page - Hitachi Semiconductor 2SC458 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC458 (K)
6
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
VCE = 10 V
500
400
300
200
100
0
0.5
2
10
1.0
5
20
Input and Output Capacitance vs.
Voltage
Collector to Base Voltage VCB (V)
Emitter to Base Voltage VEB (V)
8
7
6
5
4
3
2
0.3
1.0
10
330
f = 1 MHz
C
ob (I
E
= 0)
Switching Time vs. Collector Current
Collector Current IC (mA)
VCC = 10.3 V
IC = 10 IB1 = –10 IB2
1.0
0.5
0.2
0.1
0.05
0.02
0.01
1
5
20
100
210
50
toff
tstg
ton
td
h Parameter vs. Collector Current
Collector Current (mA)
VCE = 6 V
f = 270 Hz
100
50
20
10
5
2
1.0
0.5
0.2
0.1
0.05
0.02
0.01
0.01
0.5
0.2
5
2
1.0
10
0.1
0.05
0.02
hie
hie
hfe
hre
hie
hoe
hre
hfe



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com