Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4994 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC4994
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4994 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC4994 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4994 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SC4994
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
V
CBO
15
V
Collector to emitter voltage
V
CEO
8V
Emitter to base voltage
V
EBO
1.5
V
Collector current
I
C
20
mA
Collector power dissipation
P
C
100
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector cutoff current
I
CBO
——
10
µAV
CB = 15 V, IE = 0
I
CEO
——
1
mA
V
CE = 8 V, RBE = ∞
Emitter cutoff current
I
EBO
——
10
µAV
EB = 1.5 V, IC = 0
DC current transfer ratio
h
FE
50
120
250
V
CE = 5 V, IC = 10 mA
Collector output capacitance
Cob
—
0.4
0.75
pF
V
CB = 5 V, IE = 0, f = 1 MHz
Gain bandwidth product
f
T
7.5
10.5
—
GHz
V
CE = 5 V, IC = 10 mA
Power gain
PG
14.0
17.0
—
dB
V
CE = 5 V, IC = 10 mA,
f = 900 MHz
Noise figure
NF
—
1.2
2.5
dB
V
CE = 5 V, IC = 5 mA,
f = 900 MHz
Note:
Marking is “YS–”.
Attention: This device is very sensitive to electro static discharge.
It is recommended to adopt appropriate cautions when handling this transistor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com