Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4995 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC4995
Description  Silicon NPN Epitaxial
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4995 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC4995 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 4Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 5Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 6Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 7Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 8Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 9Page - Hitachi Semiconductor 2SC4995 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4995
8
S Parameter (V
CE = 1 V, IC = 5 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.739
–65.4
11.99
140.8
0.0681
56.9
0.793
–44.9
400
0.643
–106.5
8.54
118.9
0.0957
41.5
0.576
–72.1
600
0.603
–132.0
6.34
106.4
0.107
34.9
0.446
–89.4
800
0.586
–148.7
4.99
97.9
0.114
32.6
0.369
–101.9
1000
0.578
–162.1
4.08
90.9
0.118
32.6
0.323
–112.0
1200
0.580
–171.9
3.45
86.0
0.124
32.7
0.396
–120.1
1400
0.588
179.9
2.99
81.7
0.129
33.3
0.275
–127.0
1600
0.596
172.9
2.67
77.2
0.134
34.3
0.263
–133.0
1800
0.607
166.8
2.41
73.4
0.139
35.9
0.256
–139.5
2000
0.617
161.0
2.20
70.0
0.145
36.9
0.254
–144.7
S Parameter (V
CE = 1 V, IC = 20 mA, ZO = 50 Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.588
–127.7
19.25
119.0
0.0389
47.2
0.527
–86.7
400
0.618
–157.6
11.00
102.5
0.0483
45.3
0.380
–120.8
600
0.627
–171.4
7.62
94.6
0.0570
49.0
0.334
–139.3
800
0.639
179.6
5.80
89.2
0.0662
52.6
0.315
–150.9
1000
0.650
172.1
4.66
84.5
0.0768
55.9
0.306
–158.9
1200
0.656
–166.4
3.94
81.1
0.873
57.7
0.302
–165.4
1400
0.664
160.7
3.40
78.2
0.0996
59.2
0.301
–170.5
1600
0.677
156.5
3.03
75.2
0.110
60.2
0.301
–174.6
1800
0.689
151.6
2.71
71.9
0.122
61.1
0.304
–178.4
2000
0.696
147.5
2.47
69.2
0.134
61.2
0.306
178.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com