Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMRPRIW Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CMRPRIW
Description  Mini-Com짰 RCA Pass-Through Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CMRPRIW Datasheet(HTML) 1 Page - PANDUIT CORP.

  CMRPRIW Datasheet HTML 1Page - PANDUIT CORP. CMRPRIW Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SYSTEMS
Mini-Com ® RCA Pass-Through Modules
• Supplied with one RCA coupler
• Compatible with Mini-Com ® Modular Patch Panels,
Faceplates, and Surface Mount Boxes
CMRPR
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory), WH (White), IG (International Gray),
or BL (Black).
Part Number
Part Description
No. of
Module
Spaces
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CMRPRIW
Module supplied with one RCA pass-through
coupler with red insert.
1Off
White
110
CMRPYIW
Module supplied with one RCA pass-through
coupler with yellow insert.
1Off
White
110
CMRPWIW
Module supplied with one RCA pass-through
coupler with white insert.
1Off
White
110
CMRPBIW
Module supplied with one RCA pass-through
coupler with blue insert.
1Off
White
110
CMRPGIW
Module supplied with one RCA pass-through
coupler with green insert.
1Off
White
110
Mini-Com ® 3.5mm Stereo Connector and Coupler Modules
• Supplied with one solder-type connector or coupler
• Accept male plug found on typical stereo headsets
• Solder-type connector accepts 22 AWG stereo wire
or smaller
• Insulation resistance exceeds 100 milli-ohms at DC 500V
• Rated for DC 12V., 1A
• Compatible with Mini-Com ® Modular Patch Panels,
Faceplates, and Surface Mount Boxes
CM35MSS
‡For other colors replace suffix IW (Off White) with EI (Electric Ivory), WH (White), IG (International Gray),
or BL (Black).
Part Number
Part Description
No. of
Module
Spaces
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CM35MSCIWY
3.5mm stereo coupler module.
1
Off
White
110
CM35MSSIW
Module supplied with one 3.5mm (1/8") stereo
headset solder-type connector.
1Off
White
110
Mini-Com ® 5-Way Binding Post Modules
• Allow for easy installation of speaker wires, along with the
ability to reconfigure speaker locations with greater ease
• Accept a variety of termination ends, including bare
speaker wire (10 – 12 AWG) and banana plugs
• Gold plated and large metal contact area facilitates
improved signal transmission
• Red or black stripe around collar of binding post clearly
designates speaker connection
• Compatible with Mini-Com ® Modular Patch Panels,
Faceplates, and Surface Mount Boxes
CMBPB**Y
‡For other colors, replace suffix IW (Off White) with EI (Electric Ivory) or WH (White).
Part Number
Part Description
No. of
Module
Spaces
Color‡
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CMBPBIWY
Module supplied with one 5-way binding post
with black stripe.
1Off
White
110
CMBPRIWY
Module supplied with one 5-way binding post
with red stripe.
1Off
White
110


Similar Part No. - CMRPRIW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CMRPSH15 PANDUIT-CMRPSH15 Datasheet
349Kb / 2P
NETFRAME Cable Management Rack System
More results

Similar Description - CMRPRIW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CHS2IW-X PANDUIT-CHS2IW-X Datasheet
246Kb / 1P
Mini-Com짰 Inserts
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CMDSAQLCZBL PANDUIT-CMDSAQLCZBL Datasheet
73Kb / 2P
LC Sr./Sr. Mini-Com짰 Fiber Optic Adapter Modules
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
SC Mini-Com짰 Fiber Optic Adapter Modules
CMSTZBU PANDUIT-CMSTZBU Datasheet
120Kb / 1P
ST Mini-Com짰 Fiber Optic Adapter Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CFP1IW PANDUIT-CFP1IW Datasheet
124Kb / 1P
Mini-Com짰 Classic Series Faceplates
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com