Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CB Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2CB
Description  Common Mode Choke for High-Speed Line
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2CB Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2CB Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CB Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CB Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2CB Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
2 
2CB Series
Common Mode Choke for High-Speed Line
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                         Ver.:2CB‐2012A
Accetek 
D SPECIFICATIONS
Z@100MHz
DCR1
Ir2
UDC
UT
Part Number
(Ω)
Tolerance
Max.(Ω)
(mA)
V
V(AC)
Typ. Applications
2CB2012-670F
67
± 25 %
0.25
400
50
125
Others
2CB2012-900F
90
± 25 %
0.30
370
50
125
USB2.0
2CB2012-121F
120
± 25 %
0.30
370
50
125
IEEE1394/Firewire 400 Mbps
2CB2012-181F
180
± 25 %
0.35
330
50
125
IEEE1394/Firewire 400 Mbps
2CB2012-261F
260
± 25 %
0.40
300
50
125
Others
2CB2012-371F
370
± 25 %
0.45
280
50
125
IEEE1394/Firewire 400 Mbps
2CB3216-900F
90
± 25 %
0.30
370
50
125
USB2.0
2CB3216-161F
160
± 25 %
0.40
340
50
125
IEEE1394/Firewire 400 Mbps
2CB3216-261F
260
± 25 %
0.50
310
50
125
Others
2CB3216-601F
600
± 25 %
0.80
260
50
125
Others
2CB3216-102F
1000
± 25 %
1.00
230
50
125
Others
2CB3216-222F
2200
± 25 %
1.20
200
50
125
Others
1. DCR measured @ 25°C.
2. Ir: DC current for an approximate 40°C rise from 20°C ambient temperature.
3. Specifications subject to change without notice please check our website for latest information.
E TYPICAL IMPEDANCE CURVES
2CB2012-670F
2CB2012-900F
2CB2012-121F
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
 
2CB2012-181F
2CB2012-261F
2CB2012-371F
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
 
2CB3216-900F
2CB3216-161F
2CB3216-261F
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
10000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
10000
1
10
100
1000
Frequency f [MHz]
Z(comm)
Z(diff)
1
10
100
1000
10000
1
10
100
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com