Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F005-006 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # F005-006
Description  FireWire IEEE 1394 Cable (6pin/6pin) 6-ft
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

F005-006 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  F005-006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved F005-006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved F005-006 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved F005-006 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UPC ASSIGNMENT
Unit Carton UPC#
037332011961
PHYSICAL
Color
Black
Style
FireWire
CONNECTIONS
Connector A
6 PIN (MALE)
Connector B
6 PIN (MALE)
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
F005-015
15-ft. IEEE 1394 FireWire® Cable
(6pin/6pin)
1
F007-006
6-ft. IEEE 1394 FireWire® Cable
(6pin/4pin)
1
F007-015
15-ft. IEEE 1394 FireWire® Cable
(6pin/4pin)
1
F009-006
6-ft. IEEE 1394 FireWire® Cable
(4pin/4pin)
1
F200-003-R
FireWire® - IEEE 1394 PCI Card (3 Port w/ Video Editing Software & Cable)
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/F005-006.
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com