Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8408FS Datasheet(PDF) 3 Page - Analog Devices

Part # DAC8408FS
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FS Datasheet(HTML) 3 Page - Analog Devices

  DAC8408FS Datasheet HTML 1Page - Analog Devices DAC8408FS Datasheet HTML 2Page - Analog Devices DAC8408FS Datasheet HTML 3Page - Analog Devices DAC8408FS Datasheet HTML 4Page - Analog Devices DAC8408FS Datasheet HTML 5Page - Analog Devices DAC8408FS Datasheet HTML 6Page - Analog Devices DAC8408FS Datasheet HTML 7Page - Analog Devices DAC8408FS Datasheet HTML 8Page - Analog Devices DAC8408FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
DAC8408
@ VDD = +5 V; VREF =
10 V; VOUTA, B, C, D = 0 V; TA = –55 C to +125 C apply for
DAC8408AT/BT, TA = –40 C to +85 C apply for DAC8408ET/FT/FP/FPC/FS; TA = 0 C to +70 C apply for DAC8408GP, unless otherwise noted.
Specifications apply for DAC A, B, C, & D.
Continued
ELECTRICAL CHARACTERISTICS
DAC8408
Parameter
Symbol
Conditions
Min
Typ
Max
Units
POWER SUPPLY
Voltage Range
VDD
4.5
5.5
V
Supply Current8
IDD
50
µA
Supply Current
9
IDD
TA = +25
°C
1.0
mA
TA = Full Temperature Range
1.5
mA
NOTES
1This is an end-point linearity specification.
2Guaranteed to be monotonic over the full operating temperature range.
3ppm/
°C of FSR (FSR = Full Scale Range = V
REF-1 LSB.)
4Input Resistance Temperature Coefficient = +300ppm/
°C.
5Logic Inputs are MOS gates. Typical input current at +25
°C Is less than 10 nA.
6Guaranteed by design.
7From Digital Input to 90% of final analog output current.
8All Digital Inputs “0” or V
DD.
9All Digital Inputs V
IH or VIL.
10See Timing Diagram.
11Digital Inputs = 0 V to V
DD or VDD to 0 V.
12Extrapolated: t
S (1/2 LSB) = tPD + 6.2τ where τ = the measured first time con-
stant of the final RC decay.
13All Digital Inputs = 0 V; V
REF = +10 V.
Specifications subject to change without notice.
Package Type
JA*
JC
Units
28-Pin Hermetic DIP (T)
55
10
°C/W
28-Pin Plastic DIP (P)
53
27
°C/W
28-Pin SOL (S)
68
23
°C/W
28-Contact PLCC (PC)
66
29
°C/W
*
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for
device in socket for cerdip and P-DIP packages;
θ
JA is specified for device
soldered to printed circuit board for SOL and PLCC packages.
CAUTION
1. Do not apply voltages higher than VDD +0.3 V or less than
–0.3 V potential on any terminal except VREF and RFB.
2. The digital control inputs are diode-protected; however,
permanent damage may occur on unconnected inputs from
high energy electrostatic fields. Keep in conductive foam at
all times until ready to use.
3. Use proper antistatic handling procedures.
4. Absolute Maximum Ratings apply to both packaged devices
and DICE. Stresses above those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the device.
ABSOLUTE MAXIMUM RATINGS
(TA = +25
°C, unless otherwise noted.)
VDD to IOUT 2A, IOUT 2B, IOUT 2C, IOUT 2D . . . . . . . . . . 0 V, +7 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, +7 V
IOUT 1A, IOUT 1B,
IOUT 1C, IOUT 1D to DGND . . . . . . . . . –0.3 V to VDD +0.3 V
RFBA, RFBB, RFBC, RFBD to IOUT . . . . . . . . . . . . . . . . .
±25 V
IOUT 2A, IOUT 2B,
IOUT 2C, IOUT 2D to DGND . . . . . . . . . –0.3 V to VDD + 0.3 V
DB0 through DB7 to DGND . . . . . . . . –0.3 V to VDD + 0.3 V
Control Logic
Input Voltage to DGND . . . . . . . . . . –0.3 V + VDD + 0.3 V
VREFA, VREFB, VREFC, VREFD to
IOUT 2A, IOUT 2B, IOUT 2C, IOUT 2D
. . . . . . . . . . . . . . . .
±25 V
Operating Temperature Range
Commercial Grade (GP) . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial Grade (ET, FT, FP, FPC, FS) . –40
°C to +85°C
Military Grade (AT, BT) . . . . . . . . . . . . . . –55
°C to +125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
PIN CONNECTIONS
DAC8408
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com