Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRADM1007 Datasheet(PDF) 1 Page - Sensitron

Part # SRADM1007
Description  HERMETIC RAD HARD POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SRADM1007 Datasheet(HTML) 1 Page - Sensitron

  SRADM1007 Datasheet HTML 1Page - Sensitron SRADM1007 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SENSITRON
SEMICONDUCTOR
2013 Sensitron Semiconductor  221 West Industry Court  Deer Park, NY 11729-4681
PHONE (631) 586-7600
 FAX (631) 242-9798  www.sensitron.com  sales@sensitron.com
SRADM1007
TECHNICAL DATA
DATA SHEET 5405, REV. -
HERMETIC RAD HARD POWER MOSFET
FEATURES:
 Low RDS(on)
 Single Event Effect (SEE) hardened,
o
LET 55, Range: 90
μm
VGS = -20V, VDS = 100V
 Total Ionization Dose (TID) hardened, 100kRad
 Surface mount SMD-0.5 package
 Near equivalent to IRHNJ7130
MAXIMUM RATINGS
ALL RATINGS ARE AT T
C
= 25
C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MIN.
TYP.
MAX.
UNITS
DRAIN TO SOURCE VOLTAGE
VDS
-
-
100
Volts
GATE TO SOURCE VOLTAGE
VGS
-
-
20
Volts
ON-STATE DRAIN CURRENT (Tc = 25
0C)
ID
-
-
12.4
Amps
ON-STATE DRAIN CURRENT (Tc = 100
0C)
ID
-
-
8
Amps
PULSED DRAIN CURRENT (LIMITED BY TJMAX)
IDM
-
-
50
Amps
OPERATING AND STORAGE TEMPERATURE
TOP/TSTG
-55
-
+150
C
TOTAL DEVICE DISSIPATION
PD
-
-
75
Watts
THERMAL RESISTANCE, JUNCTION TO CASE
RthJC
-
-
1.66
C/W
SINGLE PULSE AVALANCHE (LIMITED BY TJMAX)
EAS
-
60
-
mJ
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNITS
DRAIN SOURCE BREAKDOWN
VGS = 0V, ID = 250A
BVDSS
100
-
-
Volts
STATIC DRAIN TO SOURCE ON STATE RESISTANCE
VGS = 10V, ID = 8A
RDS(ON)
-
-
0.13
GATE THRESHOLD VOLTAGE
VDS = VGS, ID = 1mA
VGS(th)
2.0
-
4.0
Volts
ZERO GATE VOLTAGE DRAIN CURRENT
VDS = 80V, VGS = 0V
IDSS
-
-
25
A
GATE TO SOURCE LEAKAGE FORWARD VGS = 20V
GATE TO SOURCE LEAKAGE REVERSE
VGS = -20V
IGSS
-
-
-
-
100
-100
nA
TURN ON DELAY TIME
VDD = 0.5VDS,
RISE TIME
ID = 8A,
TURN OFF DELAY TIME
RG = 4.7
FALL TIME
td(ON)
tr
td(OFF)
tf
-
-
-
-
-
-
-
-
25
25
35
20
nsec
DIODE FORWARD VOLTAGE
IS =12.4A
VSD
-
-
1.2
Volts
REVERSE RECOVERY TIME
If = 12.4A, di/dt = 100A/µs
trr
-
-
400
nsec
INPUT CAPACITANCE
VGS = 0 V
OUTPUT CAPACITANCE
VDS = 100 V
REVERSE TRANSFER CAPACITANCE f = 1.0MHz
Ciss
Coss
Crss
-
-
-
1600
120
3
-
-
-
pF
TOTAL GATE CHARGE
VDD =0.5VDS, ID = 12.4A, VGS = 10V
QG
-
-
42
nC
**NOTE: This product is subject to the International Traffic in Arms Regulations (ITAR), 22 C.F.R. Parts 120 - 130, and
may not be exported without the appropriate U.S. Department of State authorization.


Similar Part No. - SRADM1007

ManufacturerPart #DatasheetDescription
logo
Sensitron
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1005 SENSITRON-SRADM1005 Datasheet
160Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
More results

Similar Description - SRADM1007

ManufacturerPart #DatasheetDescription
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1005 SENSITRON-SRADM1005 Datasheet
160Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
Inchange Semiconductor ...
FRM244 ISC-FRM244 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
FRM430 ISC-FRM430 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
FRM450 ISC-FRM450 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
FRM9130 ISC-FRM9130 Datasheet
49Kb / 2P
Second Generation Rad Hard MOSFET Results
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com